| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PL-USB-BLASTER-RCN Datasheet(PDF) 2 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PL-USB-BLASTER-RCN Datasheet(HTML) 2 Page - Intel Corporation |
|
2 / 17 page ![]() Contents 1. Introduction to Intel® FPGA Download Cable..................................................................3 1.1. Intel FPGA Download Cable Revision........................................................................ 3 1.2. Supported Devices and Host Systems.......................................................................3 2. Specifications for Intel FPGA Download Cable................................................................ 4 2.1. Block Diagram and Dimension................................................................................. 4 2.2. Cable-to-Board Connection..................................................................................... 4 2.3. Pin Description...................................................................................................... 5 2.4. Operating Conditions..............................................................................................6 2.5. Power Requirements.............................................................................................. 7 2.6. RoHS Compliance.................................................................................................. 8 3. Using the Intel FPGA Download Cable.............................................................................9 3.1. Installing the Intel FPGA Download Cable Driver on Windows.......................................9 3.2. Installing the Intel FPGA Download Cable Driver on Linux............................................9 3.2.1. Installing on Red Hat Enterprise 4 or Earlier Versions.................................... 10 3.2.2. Installing on Red Hat Enterprise 5 and 6..................................................... 10 3.3. Setting up the Intel FPGA Download Cable Hardware in the Intel Quartus Prime Software.......................................................................................................... 10 3.4. Connecting the Intel FPGA Download Cable to the Board........................................... 11 A. Additional Information................................................................................................. 13 A.1. Windows Troubleshooting Procedure for Intel FPGA Download Cable........................... 13 A.1.1. Jtagconfig version setting (Intel Quartus Prime software root directory setting) ................................................................................................. 13 A.1.2. Jtagserver Setting..................................................................................14 A.1.3. Install/Reinstall the Intel FPGA Download Cable driver ................................. 14 A.2. Troubleshooting Procedure for Error when scanning hardware - No Devices................. 15 B. Revision History............................................................................................................16 Contents Intel® FPGA Download Cable User Guide Send Feedback 2 |