Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSL2568 Datasheet(PDF) 39 Page - ams AG

No. de pieza TSL2568
Descripción Electrónicos  Light-to-Digital Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

TSL2568 Datasheet(HTML) 39 Page - ams AG

Back Button TSL2568 Datasheet HTML 35Page - ams AG TSL2568 Datasheet HTML 36Page - ams AG TSL2568 Datasheet HTML 37Page - ams AG TSL2568 Datasheet HTML 38Page - ams AG TSL2568 Datasheet HTML 39Page - ams AG TSL2568 Datasheet HTML 40Page - ams AG TSL2568 Datasheet HTML 41Page - ams AG TSL2568 Datasheet HTML 42Page - ams AG TSL2568 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
ams Datasheet
Page 39
[v1-00] 2016-Apr-12
Document Feedback
TSL2568, TSL2569 − Application Information: Software
#define M6C 0x0000
// 0.00000 * 2^LUX_SCALE
// lux equation approximation without floating point calculations
//////////////////////////////////////////////////////////////////////////////
// Routine: unsigned int CalculateLux (unsigned int ch0, unsigned int ch0, int iType)
//
// Description: Calculate the approximate illuminance (lux) given the raw
//
channel values of the TSL2568. The equation if implemented
//
as a piece−wise linear approximation.
//
// Arguments: unsigned int iGain − gain, where 0:1X, 1:16X
//
unsigned int tInt − integration time, where 0:13.7mS, 1:100mS, 2:402mS,
//
3:Manual
//
unsigned int ch0 − raw channel value from channel 0 of TSL2568
//
unsigned int ch1 − raw channel value from channel 1 of TSL2568
//
unsigned int iType − package type (0:T, 1:CS)
//
// Return: unsigned int − the approximate illuminance (lux)
//
//////////////////////////////////////////////////////////////////////////////
unsigned int CalculateLux (unsigned int iGain, unsigned int tInt, unsigned int ch0,
unsigned int ch1, int iType)
{
//−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
// first, scale the channel values depending on the gain and integration time
// 16X, 402mS is nominal.
// scale if integration time is NOT 402 msec
unsigned long chScale;
unsigned long channel1;
unsigned long channel0;
switch (tInt)
{
case 0:
// 13.7 msec
chScale = CHSCALE_TINT0;
break;
case 1:
// 101 msec
chScale = CHSCALE_TINT1;
break;
default:
// assume no scaling
chScale = (1 << CH_SCALE);
break;
}
// scale if gain is NOT 16X
if (!iGain) chScale = chScale << 4;
// scale 1X to 16X
// scale the channel values
channel0 = (ch0 * chScale) >> CH_SCALE;
channel1 = (ch1 * chScale) >> CH_SCALE;
//−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
// find the ratio of the channel values (Channel1/Channel0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55