Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS5600L Datasheet(PDF) 32 Page - ams AG

No. de pieza AS5600L
Descripción Electrónicos  12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

AS5600L Datasheet(HTML) 32 Page - ams AG

Back Button AS5600L Datasheet HTML 28Page - ams AG AS5600L Datasheet HTML 29Page - ams AG AS5600L Datasheet HTML 30Page - ams AG AS5600L Datasheet HTML 31Page - ams AG AS5600L Datasheet HTML 32Page - ams AG AS5600L Datasheet HTML 33Page - ams AG AS5600L Datasheet HTML 34Page - ams AG AS5600L Datasheet HTML 35Page - ams AG AS5600L Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-12] 2020-May-14
AS5600L − Register Description
For a fast step response and low noise after settling, the fast
filter can be enabled. The fast filter works only if the input
variation is greater than the fast filter threshold, otherwise the
output response is determined only by the slow filter. The fast
filter threshold is programmed with the FTH bits in the CONF
Register. As shown in Figure 33, the step response stays within
an error band after two full sampling periods to settle to the
final value determined by the slow filter.
Figure 32:
Fast Filter Threshold
FTH
Fast Filter Threshold (LSB)
Slow-to-fast filter
Fast-to-slow filter
000
Slow filter only
001
6
1
010
7
1
011
9
1
100
18
2
101
21
2
110
24
2
111
10
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48