Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2682280000 Datasheet(PDF) 4 Page - Weidmuller

No. de pieza 2682280000
Descripción Electrónicos  Network switch, managed, Fast Ethernet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEIDMULLER [Weidmuller]
Página de inicio  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2682280000 Datasheet(HTML) 4 Page - Weidmuller

  2682280000 Datasheet HTML 1Page - Weidmuller 2682280000 Datasheet HTML 2Page - Weidmuller 2682280000 Datasheet HTML 3Page - Weidmuller 2682280000 Datasheet HTML 4Page - Weidmuller 2682280000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data sheet
 
IE-SW-AL08M-8TX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 4, 2021 1:29:47 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
4
Switch characteristics
 
Bandwidth backplane
1.6 Gbps
  IGMP-Groups
1,024
MAC table size
8 K
  Max. number of available VLANs
4,095
Packet buffer size
1 Mbit
  Priority queues
4
VLAN-ID max
4,094
  VLAN-ID min
1
 
Technical data
 
Housing main material
Metal
  Protection degree
IP30
Speed
Fast Ethernet
  Switch
managed
Type of mounting
DIN rail
   
 
Technology
 
Data switching
Store and Forward
  Flow control
IEEE 802.3x flow control
Standard
IEEE 802.3 for 10BaseT,
IEEE 802.3u for
100BaseT(X), IEEE 802.3x
for flow control, IEEE
802.3ad for port trunk
with LACP, IEEE 802.1D
for the Spanning Tree
protocol, IEEE 802.1w for
Rapid STP, IEEE 802.1s
for the Multiple Spanning
Tree Protocol (MSTP),
IEEE 802.1p for Class
of Service, IEEE 802.1Q
for VLAN tagging, IEEE
802.1X for authentication,
IEEE 802.1AB for Link
Layer Discovery protocol
(LLDP)
   
 
Classifications
 
ETIM 6.0
EC000734
  ETIM 7.0
EC000734
ETIM 8.0
EC000734
  ECLASS 9.0
19-17-01-06
ECLASS 9.1
19-17-01-06
  ECLASS 10.0
19-17-04-01
ECLASS 11.0
19-17-04-01
   
 
Approvals
 
Approvals
ROHS
Conform
UL File Number Search
E141197
 



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com