Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1241120000 Datasheet(PDF) 4 Page - Weidmuller

No. de pieza 1241120000
Descripción Electrónicos  Network switch, managed, Fast Ethernet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEIDMULLER [Weidmuller]
Página de inicio  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1241120000 Datasheet(HTML) 4 Page - Weidmuller

  1241120000 Datasheet HTML 1Page - Weidmuller 1241120000 Datasheet HTML 2Page - Weidmuller 1241120000 Datasheet HTML 3Page - Weidmuller 1241120000 Datasheet HTML 4Page - Weidmuller 1241120000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data sheet
 
IE-SW-PL16M-14TX-2SC
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 4, 2021 1:28:56 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
4
Management features
 
Device configuration
Webbrowser (HTTP/
HTTPS), SNMP v1/v2c/v3,
Telnet console, Local serial
console port (RS-232 via
RJ-45 port), Windows tool
  Monitoring function
SNMP v1/v2c/v3, Link
Layer Discovery Protocol
(LLDP), Port mirroring, Port
statistics, Port monitoring,
Syslog, RMON (Remote
monitoring), Event based
warning via E-Mail, Event
based warning via relay,
Event based warning via
SNMP trap
Network redundancy
Spanning Tree Protocol
(STP), Rapid Spanning
Tree Protocol (RSTP),
Turbo-Ring (recovery time
<20 ms), Turbo-Chain
(recovery time <20 ms),
Link Aggregation Control
Protocol (LACP)
  Network traffic filter
Quality of Service (QoS),
Tag based VLAN, Port
based VLAN, IGMP v1/
v2, GMRP, Traffic Rate
Limiting
IP-address management
Static, BootP, RARP, DHCP-
Client, DHCP-Server (port
based), DHCP Option 82
(Relay Agent)
  Security functions
VLAN segmentation,
Enable/disable ports,
Access control (port based
via IEEE 802.1X), Access
control list (MAC-based),
Loop protection, TACACS
+ and IEEE 802.1X User
Authentication
Time synchronization management
SNTP client, NTP client,
PTPv1
  Industrial protocol support
PROFINET device acc.
to conformance class B,
EtherNet/IP, Modbus/TCP
slave
 
Power supply
 
Connection type
2 removable 6-pin terminal blocks
Current consumption
Voltage
24 V DC
Current
0.51 A
Overload current protection
Existing
Reverse polarity protection
Yes
Voltage supply
12/24/48 V DC, 2 redundant inputs
Voltage supply range
Voltage type
DC
Voltage, min.
12 V
Voltage, max.
45 V
 
Switch characteristics
 
Bandwidth backplane
3.2 Gbps
  IGMP-Groups
256
MAC table size
8 K
  Max. number of available VLANs
64
Packet buffer size
2 Mbit
  Priority queues
4
VLAN-ID max
4,094
  VLAN-ID min
1
 
Technical data
 
Housing main material
metal
  Protection degree
IP30
Speed
Fast Ethernet
  Switch
managed
Type of mounting
DIN rail, Panel (with
optional mounting kit)
   
 



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com