Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CTTSMD2120F Datasheet(PDF) 1 Page - Central Technologies

No. de pieza CTTSMD2120F
Descripción Electrónicos  High Current SMD Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CT [Central Technologies]
Página de inicio  http://www.ctparts.com
Logo CT - Central Technologies

CTTSMD2120F Datasheet(HTML) 1 Page - Central Technologies

  CTTSMD2120F Datasheet HTML 1Page - Central Technologies CTTSMD2120F Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
REV 05.31.17
High Current SMD Power Inductors
www.ctparts.com
CTTSMD2120F
Series
From 1.0
µH to 1,000µH
Not Shown at Actual Size
CHARACTERISTICS
Description: High Current SMD Power Inductors
Applications: Input/output of DC/DC converters, Industrial
electronics, Portable communications equipment, Camcorders,
LCD TVs, Car radios
Test Voltage: 0.1V
Reflow Soldering: 245°C, 5 sec.
Operating Temperature: -55°C to +105°C
Storage Tepmerature: -55°C to +105°C
Resistance to Soldering Heat: 260°C, 10 sec. max.
Rated Current: See “Inductance vs. Current” table
Temperature Rise: 30°C typical at IDC
Materials:
Core: Iron
Wire: Enameled copper
Adhesive: Epoxy resin
Terminal: 99.3%Sn/0.7%Cu
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
30.5±0.5
(1.200±.0200)
27.9
(1.100)
Max.
XXX
Typical Part Marking
Schematic
A
Inductance Code
SPECIFICATIONS
DCR
Dim.
Part
L(µH)
IDC
(m
W)
A Max.
Number
@1kHz
(A)
Max.
mm/(in.)
CTTSMD2120F-1R0M
1.0
25.4
2
20.83/(0.82)
CTTSMD2120F-1R2M
1.2
25.4
2
20.83/(0.82)
CTTSMD2120F-1R5M
1.5
22.0
3
20.83/(0.82)
CTTSMD2120F-1R8M
1.8
22.0
3
20.83/(0.82)
CTTSMD2120F-2R2M
2.2
19.7
3
20.83/(0.82)
CTTSMD2120F-2R7M
2.7
19.7
3
20.83/(0.82)
CTTSMD2120F-3R3M
3.3
18.0
4
20.83/(0.82)
CTTSMD2120F-3R9M
3.9
18.0
4
20.83/(0.82)
CTTSMD2120F-4R7M
4.7
16.6
5
20.83/(0.82)
CTTSMD2120F-5R6M
5.6
15.6
5
20.83/(0.82)
CTTSMD2120F-6R8M
6.8
14.7
6
20.83/(0.82)
CTTSMD2120F-8R2M
8.2
14.7
6
20.83/(0.82)
CTTSMD2120F-100K
10
13.9
7
20.83/(0.82)
CTTSMD2120F-120K
12
12.7
8
20.83/(0.82)
CTTSMD2120F-150K
15
12.2
9
20.83/(0.82)
CTTSMD2120F-180K
18
11.8
9
20.83/(0.82)
CTTSMD2120F-220K
22
11.0
11
20.83/(0.82)
CTTSMD2120F-270K
27
10.4
12
20.83/(0.82)
CTTSMD2120F-330K
33
10.1
13
20.83/(0.82)
CTTSMD2120F-390K
39
9.6
14
20.83/(0.82)
CTTSMD2120F-470K
47
8.2
19
20.07/(0.79)
CTTSMD2120F-560K
56
7.9
21
20.07/(0.79)
CTTSMD2120F-680K
68
6.7
29
19.56/(0.77)
CTTSMD2120F-820K
82
6.4
32
22.10/(0.87)
CTTSMD2120F-101K
100
6.1
35
22.10/(0.87)
CTTSMD2120F-121K
120
5.8
39
22.10/(0.87)
CTTSMD2120F-151K
150
5.5
43
22.10/(0.87)
CTTSMD2120F-181K
180
5.3
47
21.08/(0.83)
CTTSMD2120F-221K
220
5.0
52
21.08/(0.83)
CTTSMD2120F-271K
270
4.2
72
20.32/(0.80)
CTTSMD2120F-331K
330
3.6
100
19.81/(0.78)
CTTSMD2120F-391K
390
3.5
108
21.59/(0.85)
CTTSMD2120F-471K
470
3.3
119
21.59/(0.85)
CTTSMD2120F-561K
560
3.2
130
21.59/(0.85)
CTTSMD2120F-681K
680
3.0
142
21.59/(0.85)
CTTSMD2120F-821K
820
2.9
157
21.59/(0.85)
CTTSMD2120F-102K
1000
2.5
215
20.83/(0.82)
PAD LAYOUT
22.9
(0.900)
17.8
(0.700)
5.1
(0.200)
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
Part numbers indicate available inductance tolerance.
K = 10%, M = 20%


Número de pieza similar - CTTSMD2120F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Technologies
CTTSMD2110F CT-CTTSMD2110F Datasheet
222Kb / 2P
High Current SMD Power Inductors
REV 05.25.17
CTTSMD2110F-100K CT-CTTSMD2110F-100K Datasheet
222Kb / 2P
High Current SMD Power Inductors
REV 05.25.17
CTTSMD2110F-101K CT-CTTSMD2110F-101K Datasheet
222Kb / 2P
High Current SMD Power Inductors
REV 05.25.17
CTTSMD2110F-102K CT-CTTSMD2110F-102K Datasheet
222Kb / 2P
High Current SMD Power Inductors
REV 05.25.17
CTTSMD2110F-120K CT-CTTSMD2110F-120K Datasheet
222Kb / 2P
High Current SMD Power Inductors
REV 05.25.17
More results

Descripción similar - CTTSMD2120F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
PM2110-1R0M-RC BOURNS-PM2110-1R0M-RC Datasheet
172Kb / 2P
High Current SMD Power Inductors
PM2120-1R0M-RC BOURNS-PM2120-1R0M-RC Datasheet
187Kb / 2P
High Current SMD Power Inductors
logo
Frontier Electronics.
MCS0630 FRONTIER-MCS0630 Datasheet
242Kb / 2P
SMD MOLDED HIGH CURRENT POWER INDUCTORS
MCS1040 FRONTIER-MCS1040 Datasheet
217Kb / 2P
SMD MOLDED HIGH CURRENT POWER INDUCTORS
logo
Abracon Corporation
ASPI-0403H ABRACON-ASPI-0403H Datasheet
3Mb / 3P
High Current Unshielded, SMD Power Inductors
11.09.15
ASPI-0503H ABRACON-ASPI-0503H Datasheet
3Mb / 3P
High Current Unshielded, SMD Power Inductors
11.09.15
logo
RENCO ELECTRONICS, INC.
RL-5040-H RENCO-RL-5040-H Datasheet
1Mb / 2P
SMD HIGH CURRENT POWER INDUCTORS
RL-7500-0 RENCO-RL-7500-0 Datasheet
1Mb / 3P
SHIELDED HIGH CURRENT SMD POWER INDUCTORS
RL-7550-3 RENCO-RL-7550-3 Datasheet
1Mb / 2P
HIGH CURRENT SMD POWER INDUCTORS
logo
Central Technologies
CTTSMD2110F CT-CTTSMD2110F Datasheet
222Kb / 2P
High Current SMD Power Inductors
REV 05.25.17
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com