Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8544EBVTARJA Datasheet(PDF) 98 Page - NXP Semiconductors

No. de pieza MPC8544EBVTARJA
Descripción Electrónicos  MPC8544E PowerQUICC III Integrated Processor Hardware Specifications
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8544EBVTARJA Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button MPC8544EBVTARJA Datasheet HTML 94Page - NXP Semiconductors MPC8544EBVTARJA Datasheet HTML 95Page - NXP Semiconductors MPC8544EBVTARJA Datasheet HTML 96Page - NXP Semiconductors MPC8544EBVTARJA Datasheet HTML 97Page - NXP Semiconductors MPC8544EBVTARJA Datasheet HTML 98Page - NXP Semiconductors MPC8544EBVTARJA Datasheet HTML 99Page - NXP Semiconductors MPC8544EBVTARJA Datasheet HTML 100Page - NXP Semiconductors MPC8544EBVTARJA Datasheet HTML 101Page - NXP Semiconductors MPC8544EBVTARJA Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 117 page
background image
MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 8
98
Freescale Semiconductor
Thermal
Figure 60. System Level Thermal Model for MPC8544E (Not to Scale)
The Flotherm library files of the parts have a dense grid to accurately capture the laminar boundary layer
for flow over the part in standard JEDEC environments, as well as the heat spreading in the board under
the package. In a real system, however, the part will require a heat sink to be mounted on it. In this case,
the predominant heat flow path will be from the die to the heat sink. Grid density lower than currently in
the package library file will suffice for these simulations. The user will need to determine the optimal grid
for their specific case.
Solder and Air (29
× 29 × 0.58 mm)
Kx
0.034
W/m•K
Ky
0.034
Kz
12.1
Table 72. MPC8544EThermal Model (continued)
Conductivity
Value
Units
Bump Underfill
Section A-A
A
A
Top View
Die
Substrate
Solder/Air