Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISO6720 Datasheet(PDF) 44 Page - Texas Instruments

No. de pieza ISO6720
Descripción Electrónicos  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ISO6720 Datasheet(HTML) 44 Page - Texas Instruments

Back Button ISO6720_V02 Datasheet HTML 40Page - Texas Instruments ISO6720_V02 Datasheet HTML 41Page - Texas Instruments ISO6720_V02 Datasheet HTML 42Page - Texas Instruments ISO6720_V02 Datasheet HTML 43Page - Texas Instruments ISO6720_V02 Datasheet HTML 44Page - Texas Instruments ISO6720_V02 Datasheet HTML 45Page - Texas Instruments ISO6720_V02 Datasheet HTML 46Page - Texas Instruments ISO6720_V02 Datasheet HTML 47Page - Texas Instruments ISO6720_V02 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
ISO6720BDR
SOIC
D
8
3000
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
ISO6720FBDR
SOIC
D
8
3000
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
ISO6721BDR
SOIC
D
8
3000
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
ISO6721FBDR
SOIC
D
8
3000
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
ISO6721RBDR
SOIC
D
8
3000
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
ISO6721RFBDR
SOIC
D
8
3000
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
1-Oct-2021
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49