Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1241000000 Datasheet(PDF) 1 Page - Weidmuller

No. de pieza 1241000000
Descripción Electrónicos  Network switch, unmanaged, Fast Ethernet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEIDMULLER [Weidmuller]
Página de inicio  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1241000000 Datasheet(HTML) 1 Page - Weidmuller

  1241000000 Datasheet HTML 1Page - Weidmuller 1241000000 Datasheet HTML 2Page - Weidmuller 1241000000 Datasheet HTML 3Page - Weidmuller 1241000000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data sheet
 
 
Creation date November 4, 2021 1:24:56 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
1
IE-SW-VL16-16TX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Product image
 
 
• Wide ranges of variations with 5 to 16 ports
• Variations for Gigabit Ethernet
• Two redundant power inputs 12/24/48 V DC
• Models with copper and fibre-optic interface
(multimode and singlemode)
• Extensive approvals: CE, FCC, cULus, Class I Div. 2 /
ATEX Zone 2, DNV-GL
General ordering data
 
Version
Network switch, unmanaged, Fast Ethernet,
Number of ports: 16x RJ45, IP30, 0 °C...60 °C
Order No.
1241000000
Type
IE-SW-VL16-16TX
GTIN (EAN)
4050118028867
Qty.
1 pc(s).
 


Número de pieza similar - 1241000000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weidmuller
1241020000 WEIDMULLER-1241020000 Datasheet
250Kb / 5P
Network switch, managed, Fast Ethernet
November 4, 2021 CET
1241030000 WEIDMULLER-1241030000 Datasheet
322Kb / 4P
Network switch, unmanaged, Fast Ethernet
November 4, 2021 CET
1241040000 WEIDMULLER-1241040000 Datasheet
248Kb / 5P
Network switch, managed, Fast Ethernet
November 4, 2021 CET
logo
TE Connectivity Ltd
1241050-2 TEC-1241050-2 Datasheet
494Kb / 3P
AMPMODU II - 2.54mm [.100"] Centerline Board-to-Board Headers
Revised 1-04
1241050-3 TEC-1241050-3 Datasheet
494Kb / 3P
AMPMODU II - 2.54mm [.100"] Centerline Board-to-Board Headers
Revised 1-04
More results

Descripción similar - 1241000000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weidmuller
1285840000 WEIDMULLER-1285840000 Datasheet
237Kb / 4P
Network switch, unmanaged, Fast Ethernet
1286550000 WEIDMULLER-1286550000 Datasheet
319Kb / 4P
Network switch, unmanaged, Fast Ethernet
1286560000 WEIDMULLER-1286560000 Datasheet
318Kb / 4P
Network switch, unmanaged, Fast Ethernet
1286580000 WEIDMULLER-1286580000 Datasheet
321Kb / 4P
Network switch, unmanaged, Fast Ethernet
1240850000 WEIDMULLER-1240850000 Datasheet
317Kb / 4P
Network switch, unmanaged, Fast Ethernet
November 4, 2021 CET
1240870000 WEIDMULLER-1240870000 Datasheet
318Kb / 4P
Network switch, unmanaged, Fast Ethernet
November 4, 2021 CET
1240880000 WEIDMULLER-1240880000 Datasheet
318Kb / 4P
Network switch, unmanaged, Fast Ethernet
November 4, 2021 CET
1240950000 WEIDMULLER-1240950000 Datasheet
321Kb / 4P
Network switch, unmanaged, Fast Ethernet
November 4, 2021 CET
1241050000 WEIDMULLER-1241050000 Datasheet
246Kb / 4P
Network switch, unmanaged, Fast Ethernet
November 4, 2021 CET
2682170000 WEIDMULLER-2682170000 Datasheet
155Kb / 4P
Network switch, unmanaged, Fast Ethernet
November 4, 2021
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com