Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29DL161DB70WCF Datasheet(PDF) 51 Page - Advanced Micro Devices

No. de pieza AM29DL161DB70WCF
Descripción Electrónicos  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL161DB70WCF Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button AM29DL161DB70WCF Datasheet HTML 47Page - Advanced Micro Devices AM29DL161DB70WCF Datasheet HTML 48Page - Advanced Micro Devices AM29DL161DB70WCF Datasheet HTML 49Page - Advanced Micro Devices AM29DL161DB70WCF Datasheet HTML 50Page - Advanced Micro Devices AM29DL161DB70WCF Datasheet HTML 51Page - Advanced Micro Devices AM29DL161DB70WCF Datasheet HTML 52Page - Advanced Micro Devices AM29DL161DB70WCF Datasheet HTML 53Page - Advanced Micro Devices AM29DL161DB70WCF Datasheet HTML 54Page - Advanced Micro Devices AM29DL161DB70WCF Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
May 26, 2004
Am29DL16xD
51
PHYSICAL DIMENSIONS
FBC048—48-Ball Fine-Pitch Ball Grid Array
8 x 9 mm package
Dwg rev AF; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57