| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BIS00AT Datasheet(PDF) 1 Page - Balluff Korea Ltd. |
|
|
|||||||||||||||||||||||||||||
BIS00AT Datasheet(HTML) 1 Page - Balluff Korea Ltd. |
|
1 / 4 page ![]() LF (70/455 kHz) BIS C-6023-025-050-03-ST13 Order Code: BIS00AT Internet www.balluff.com eCl@ss 9.1: 27-28-04-01 Subject to change without notice: 281615 ETIM 6.0: EC002998 BIS00AT_0.34_2021-08-25 1 / 4 1) Head 1, 2) Head 2 Basic features Approval/Conformity CE cULus EAC WEEE EN 55011 Size 1, Cl. A Principle of operation Processor unit Display/Operation CT1 present/operating LED green/LED yellow CT2 present/operating LED green/LED yellow MOD/NET STATUS Green LED/Red LED Electrical connection Connection (COM 1) X3 (DeviceNet IN): Male, 5-pin Connection (COM 2) X2 (DeviceNet OUT): Female, 5- pin Connection (Service) X4: Male, 4-pin Connection (supply voltage IN) X1 (power supply/digital input): Male, 5-pin Connection slots Head 1: Male, 4-pin Head 2: Male, 4-pin Connector port 01, note type for all C-3… with Female, 4-pin |
Número de pieza similar - BIS00AT |
|
Descripción similar - BIS00AT |