Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DS31256 Datasheet(PDF) 146 Page - Maxim Integrated Products

No. de pieza DS31256
Descripción Electrónicos  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 146 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 142Page - Maxim Integrated Products DS31256 Datasheet HTML 143Page - Maxim Integrated Products DS31256 Datasheet HTML 144Page - Maxim Integrated Products DS31256 Datasheet HTML 145Page - Maxim Integrated Products DS31256 Datasheet HTML 146Page - Maxim Integrated Products DS31256 Datasheet HTML 147Page - Maxim Integrated Products DS31256 Datasheet HTML 148Page - Maxim Integrated Products DS31256 Datasheet HTML 149Page - Maxim Integrated Products DS31256 Datasheet HTML 150Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
146 of 183
Register Name:
PLBM
Register Description:
PCI Local Bus Memory Base Address Register
Register Address:
0x110h
LSB
Base Address (Read Only/Set to 0h)
PF
TYPE1
TYPE0
MSI
Base Address
Base Address (Read Only/Set to 0h)
Base Address
MSB
Base Address
Note: Read-only bits in the PLBM register are underlined; all other bits are read-write.
Bit 0/Memory Space Indicator (MSI). This read-only bit is forced to 0 to indicate that the local bus is mapped to
memory space.
Bits 1 and 2/Type 0 and Type 1. These read-only bits are forced to 00b to indicate that the local bus can be
mapped anywhere in the 32 bit address space.
Bit 3/Prefetchable (PF). This read-only bit is forced to 0 to indicate that prefetching is not supported by the
device for the local bus.
Bits 4 to 19/Base Address. These read-only bits are forced to 0 to indicate that the local bus requires 1MB of
memory space.
Bits 20 to 31/Base Address. These read/write bits define the location of the 1MB memory space that is mapped to
the local bus. These bits correspond to the most significant bits of the PCI address space.
Register Name:
PINTL1
Register Description:
PCI Interrupt Line and Pin/Minimum Grant/Maximum Latency Register 1
Register Address:
0x13Ch
LSB
Interrupt Line
Interrupt Pin (Read Only/Set to 01h)
Maximum Grant (Read Only/Set to 00h)
MSB
Maximum Latency (Read Only/Set to 00h)
Bits 0 to 7/Interrupt Line. These read/write bits indicate and store interrupt line routing information. The device
does not use this information, it is only posted here for the host to use.
Bits 8 to 15/Interrupt Pin. These read-only bits are forced to 01h to indicate that
PINTA is used as an interrupt.
Bits 16 to 23/Minimum Grant. These read-only bits are forced to 0.
Bits 24 to 31/Maximum Latency. These read-only bits are forced to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com