| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DS31256 Datasheet(PDF) 143 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256 Datasheet(HTML) 143 Page - Maxim Integrated Products |
|
143 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 143 of 183 10.2.3 Command Bits (PCMD1) Bit 0/I/O Space Control (IOC). This read-only bit is forced to 0 by the device to indicate that it does not respond to I/O space accesses. Bit 1/Memory Space Control (MSC). This read/write bit controls whether or not the device responds to accesses by the PCI bus to the memory space, which is the local bus. When this bit is set to 0, the device ignores accesses attempted to the local bus. When set to 1, the device allows accesses to the local bus. This bit should be set to 0 when the local bus operates in configuration mode. This bit is forced to 0 when a hardware reset is initiated through the PRST pin. 0 = ignore accesses to the local bus 1 = allow accesses to the bus Bit 2/Master Control (MASC). This read-only bit is forced to 0 by the device since it cannot act as a bus master. Bit 3/Special Cycle Control (SCC). This read-only bit is forced to 0 by the device to indicate that it cannot decode special cycle operations. Bit 4/Memory Write and Invalidate Command Enable (MWEN). This read-only bit is forced to 0 by the device to indicate that it cannot generate the memory write and invalidate command. Bit 5/VGA Control (VGA). This read-only bit is forced to 0 by the device to indicate that it is not a VGA- compatible device. Bit 6/Parity Error Response Control (PARC). This read/write bit controls whether or not the device should ignore parity errors. When this bit is set to 0, the device ignores any parity errors that it detects and continues to operate normally. When this bit is set to 1, the device must act on parity errors. This bit is forced to 0 when a hardware reset is initiated through the PRST pin. 0 = ignore parity errors 1 = act on parity errors Bit 7/Address Stepping Control (STEPC). This read-only bit is forced to 0 by the device to indicate that it is not capable of address/data stepping. Bit 8/PCI System Error Control (PSEC). This read/write bit controls whether or not the device should enable the PSERR output pin. When this bit is set to 0, the device disables the PSERR pin. When this bit is set to 1, the device enables the PSERR pin. This bit is forced to 0 when a hardware reset is initiated through the PRST pin. 0 = disable the PSERR pin 1 = enable the PSERR pin Bit 9/Fast Back-to-Back Master Enable (FBBEN). This read-only bit is forced to 0 by the device to indicate that it is not capable of generating fast back-to-back transactions to different agents. Bits 10 to 15/Reserved. These read-only bits are forced to 0 by the device. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |