Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Z8932320FSC Datasheet(PDF) 4 Page - Zilog, Inc.

No. de pieza Z8932320FSC
Descripción Electrónicos  16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZILOG [Zilog, Inc.]
Página de inicio  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8932320FSC Datasheet(HTML) 4 Page - Zilog, Inc.

  Z8932320FSC Datasheet HTML 1Page - Zilog, Inc. Z8932320FSC Datasheet HTML 2Page - Zilog, Inc. Z8932320FSC Datasheet HTML 3Page - Zilog, Inc. Z8932320FSC Datasheet HTML 4Page - Zilog, Inc. Z8932320FSC Datasheet HTML 5Page - Zilog, Inc. Z8932320FSC Datasheet HTML 6Page - Zilog, Inc. Z8932320FSC Datasheet HTML 7Page - Zilog, Inc. Z8932320FSC Datasheet HTML 8Page - Zilog, Inc. Z8932320FSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
Z89223/273/323/373
16-Bit Digital Signal Processors with A/D Converter
ZiLOG
4
DS000202-DSP0599
PIN FUNCTIONS
EA2–EA0.
External Address Bus (output, latched). These
pins provide the External Register Address. This address
bus is driven during both internal and external accesses. One
of up to seven user-defined external registers is selected by
the processor for reads or writes. EXT7 is always reserved
for use by the processor.
ED15–ED0.
External Data Bus (input/output). These pins
are the data bus for the user-defined external registers, and
are shared by Port0. These pins are normally tristated, ex-
cept when these registers are specified as destination reg-
isters in a write instruction to an external peripheral, or when
Port0 is enabled for output. This bus uses the control signals
RD/WR, DS, and WAIT, and address pins EA2–EA0.
DS
. Data Strobe (output). This pin provides the data strobe
signal for the ED Bus. DS is active for transfers to/from ex-
ternal peripherals only.
RD/WR.
Read/Write Select (output). This pin controls the
data direction signal for the External Data Bus. Data is avail-
able from the processor on ED15–ED0 when this signal and
DS are both Low.
WAIT
. Wait State (input). This pin is sampled at the rising
edge of the clock with appropriate setup and hold times. A
single wait-state can be generated internally by setting the
appropriate bits in the wait state register. The user must
drive this line if multiple wait states are required. This pin
is shared with Port2.
CLKI.
Clock (input). This pin is the clock circuit input. It
can be driven by a signal or connected to a 32 KHz crystal.
CLKO.
Clock (output). This pin is the clock circuit output.
It is used for operation with a 32 KHz crystal and the PLL
to generate the system clock.
HALT
. Halt State (input). This pin stops program execution.
The processor continuously executes NOPs and the pro-
gram counter remains constant while this pin is held Low.
This pin offers an internal pull-up.
RESET
. Reset (input). This pin resets the processor. It push-
es the contents of the Program Counter (PC) onto the stack
and then fetches a new PC value from program memory ad-
dress 0FFCH after the RESET signal is released. The Status
register is set to all zeros. At power-up RAM and other reg-
isters are undefined, however, they are left unchanged with
subsequent resets. RESET can be asserted asynchronously.
AN0–AN3.
Analog Inputs (input). These are the analog in-
put pins. The analog input signal should be between VALO
and VAHI for accurate conversions.
VAHI.
Analog High Reference Voltage (input). This pin
provides the reference for the full scale voltage of the analog
input signals.
VALO.
Analog Low Reference Voltage (input). This pin
provides the reference for the zero voltage of the analog in-
put signals.
AVCC–AGND. Filtered Analog Power and Ground must be
provided on separate pins to reduce digital noise in the an-
alog circuits.
Multifunction Pins.
The Z89223/273/323/373 DSP fami-
ly offers a user-configurable I/O structure, which means
that most of the I/O pins offer dual functions. The function,
direction (input or output), and for output, the characteris-
tics (push-pull or open drain) are all under user-control, by
programming the configuration registers appropriately as
described in the I/O Ports section. The following share I/O
Port pins:
INT0–INT2.
External Interrupts (input, edge-triggered).
These pins provide three of the eight interrupt sources to
the Interrupt Controller. Each is programmable to be rising-
edge or falling-edge triggered. The other five interrupt
sources are from the on-chip peripherals.
CLKOUT.
System Clock (output). This pin provides access
to the internal processor clock.
SDI.
Serial Data In (input). This pin is the SPI serial data
input.
SDO.
Serial Data Out (output). This pin is the SPI serial data
output.
SS.
Slave Select (input). This pin is used in SPI Slave Mode
only. SS advises the SPI that it is the target of a serial transfer
from an external Master.
SCLK.
SPI Clock (output/input). This pin is an output in
Master mode and an input in Slave mode.
UI0, UI1.
User inputs (input). These general-purpose input
pins are directly tested by the conditional branch instruc-
tions. They can also be read as bits in the status register.
These are asynchronous input signals that require no special
clock synchronization. Counter/Timer0 and
Counter/Timer1 may use either of these pins as input.
UI2.
User Input (input). This pin is the input to
Counter/Timer 2.
TMO0/UO0.
Counter/Timer Output or User Output 0 (out-
put). Counter/Timer 0 and Counter/Timer 1 can be pro-
grammed to provide output on this pin. When User Outputs
are enabled, and the Counter/Timer is disabled, this pin pro-
vides the complement of Status Register bit 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60