| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DS2196 Datasheet(PDF) 34 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS2196 Datasheet(HTML) 34 Page - Maxim Integrated Products |
|
34 / 157 page ![]() DS2196 34 of 157 TCR2A: TRANSMIT CONTROL REGISTER 2 FRAMER A (Address = 36 Hex) (MSB) (LSB) TEST1 TEST0 TAISM TSDW TSM TSIO TD4YM TB7ZS SYMBOL POSITION NAME AND DESCRIPTION TEST1 TCR2A.7 Test Mode Bit 1 for Output Pins. See Table 6–1. TEST0 TCR2A.6 Test Mode Bit 0 for Output Pins. See Table 6–1. TAISM TCR2A.5 Transmit AIS Mode. 0 = normal AIS 1 = AIS-CI TSDW TCR2A.4 TSYNCA Double–Wide. (note: this bit must be set to 0 when TCR2.3=1 or when TCR2.2=0) 0 = do not pulse double–wide in signaling frames 1 = do pulse double–wide in signaling frames TSM TCR2A.3 TSYNCA Mode Select. 0 = frame mode (see the timing in Section 21) 1 = multiframe mode (see the timing in Section 21) TSIO TCR2A.2 TSYNCA I/O Select. 0 = TSYNCA is an input 1 = TSYNCA is an output TD4YM TCR2A.1 Transmit Side D4 Yellow Alarm Select. 0 = 0’s in bit 2 of all channels 1 = a 1 in the S–bit position of frame 12 TB7ZS TCR2A.0 Transmit Side Bit 7 Zero Suppression Enable. 0 = no stuffing occurs 1 = Bit 7 force to a 1 in channels with all 0’s |