Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SAMA5D2 Datasheet(PDF) 37 Page - Microchip Technology

No. de pieza SAMA5D2
Descripción Electrónicos  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Datasheet(HTML) 37 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 33Page - Microchip Technology SAMA5D2 Datasheet HTML 34Page - Microchip Technology SAMA5D2 Datasheet HTML 35Page - Microchip Technology SAMA5D2 Datasheet HTML 36Page - Microchip Technology SAMA5D2 Datasheet HTML 37Page - Microchip Technology SAMA5D2 Datasheet HTML 38Page - Microchip Technology SAMA5D2 Datasheet HTML 39Page - Microchip Technology SAMA5D2 Datasheet HTML 40Page - Microchip Technology SAMA5D2 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
A13, A15,
A16, A17,
A18, B10,
B12, B16,
C10, C11,
C12, C13,
C15, C16,
C17, D10,
D12, D16,
E12, E13,
E15, E16,
E17, E19,
E5, E6, E9,
F10, F11,
F12, F13,
F16, F5,
F6, F7, F9,
G11, G12,
G13, G15,
G16, G17,
G19, G7,
G8, G9,
H11, H12,
H13, H16,
H7, H8, H9,
J12, J14,
J15, J16,
J17, J18,
J19, K10,
K11, K12,
K14, L12,
L13, L14,
L15, L16,
M10, M11,
M14, N11,
N13, N16,
N7, R11,
R12, R17,
T12, T9,
U10, U11,
U8, V4
A12, A13,
A14, A15,
B11, B12,
B13, B14,
B15, C10,
C11, C12,
C13, C14,
C15, D10,
D11, D12,
D13, D14,
E13, F9,
F10, F13,
F14, G11,
G13, G14,
H11, H13,
H14, J12,
J13, J14,
K12, K13,
K14, L13,
R12, T9
–
–
NC(4)
–
–
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56