| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCIMX6DP4EVT2AB Datasheet(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MCIMX6DP4EVT2AB Datasheet(HTML) 1 Page - NXP Semiconductors |
|
1 / 160 page ![]() NXP Semiconductors Data Sheet: Technical Data Document Number: IMX6DQPIEC Rev. 3, 11/2018 Package Information FCPBGA Package 21 x 21 mm, 0.8 mm pitch NXP Reserves the right to change the production detail specifications as may be required to permit improvements in the design of its products. Ordering Information See Table 1 MCIMX6QPxCxxxxA MCIMX6QPxCxxxxB MCIMX6DPxCxxxxA MCIMX6DPxCxxxxB 1 Introduction The i.MX 6DualPlus/6QuadPlus processors offer the highest levels of graphics processing performance in the i.MX 6 series family and are ideally suited for graphics intensive applications. The i.MX 6DualPlus/6QuadPlus processors feature advanced implementation of the quad Arm® Cortex®-A9 core, which operates at speeds up to 800 MHz. They include updated versions of the 2D and 3D graphics processors, 1080p video processing, and integrated power management. Each processor provides a 64-bit DDR3/DDR3L/LPDDR2-800 memory interface and a number of other interfaces for connecting peripherals, such as WLAN, Bluetooth®, GPS, hard drive, displays, and camera sensors. The i.MX 6DualPlus/6QuadPlus processors are specifically useful for applications such as the following: • Graphics rendering for Human Machine Interfaces (HMI) • Video processing and display i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products 1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 2 1.2 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 1.3 Signal Naming Convention . . . . . . . . . . . . . . . . . . . 7 2 Architectural Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 2.1 Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 3 Modules List . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 3.1 Special Signal Considerations. . . . . . . . . . . . . . . . 19 3.2 Recommended Connections for Unused Analog Interfaces. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 4 Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . 20 4.1 Chip-Level Conditions . . . . . . . . . . . . . . . . . . . . . . 20 4.2 Power Supplies Requirements and Restrictions . . 33 4.3 Integrated LDO Voltage Regulator Parameters . . 34 4.4 PLL Electrical Characteristics . . . . . . . . . . . . . . . . 36 4.5 On-Chip Oscillators . . . . . . . . . . . . . . . . . . . . . . . . 37 4.6 I/O DC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 38 4.7 I/O AC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 44 4.8 Output Buffer Impedance Parameters. . . . . . . . . . 49 4.9 System Modules Timing . . . . . . . . . . . . . . . . . . . . 53 4.10 Multi-Mode DDR Controller (MMDC). . . . . . . . . . . 64 4.11 General-Purpose Media Interface (GPMI) Timing. 64 4.12 External Peripheral Interface Parameters . . . . . . . 73 5 Boot Mode Configuration . . . . . . . . . . . . . . . . . . . . . . . 138 5.1 Boot Mode Configuration Pins. . . . . . . . . . . . . . . 138 5.2 Boot Devices Interfaces Allocation . . . . . . . . . . . 139 6 Package Information and Contact Assignments . . . . . . 141 6.1 Signal Naming Convention . . . . . . . . . . . . . . . . . 141 6.2 21 x 21 mm Package Information . . . . . . . . . . . . 141 7 Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 164 |
Número de pieza similar - MCIMX6DP4EVT2AB |
|
Descripción similar - MCIMX6DP4EVT2AB |