| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MTC20455MB-I Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MTC20455MB-I Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 23 page ![]() 1/23 MTC20455 February 2004 ■ Quad DMT modem ATM framer ■ Supports ANSI T1.413 issue 2, ITU G.992.1, and G.992.2 standards ■ Low power consumption (1W for four lines) ■ Standard Utopia level 2 ATM interface ■ 160 PQFP Package ■ 160 LFBGA Package DESCRIPTION The MTC20455 is the DMT modem and ATM Framer of the MTK20450 Quad Rate adaptive ADSL DynaMiTe chipset. When used in conjunc- tion with the MTC20454 or MTC20154 analog front-end, the product supports ANSI T1.413 re- lease 2, ITU G.992.1 and G.992.2 (G.Lite) ADSL specifications through software configuration. It provides a cell based UTOPIA Level 2 ATM data interface. The MTC20455 performs the DMT modulation, demodulation, Reed-Solomon encoding, bit inter- leaving and trellis coding for four ADSL modems. The ATM section provides framing functions for the generic and ATM Transmission Convergence (TC) layers. The generic TC consists of data scrambling and Reed-Solomon error corrections, with and without interleaving. The MTC20455 is controlled and configured by the MTC20136 Transceiver Controller. All program- mable coefficients and parameters are loaded by the Controller. The MTC20136 also controls the initialisation procedure and performs the monitor- ing and adaptive functions during operation. PQFP160 LFBGA160 ORDERING NUMBERS: Part Numbers Package Temperature MTC20455PQ-I 160 pin PQFP -40 to +85°C MTC20455MB-I 160 pin LFBGA -40 to +85°C Can also be ordered using kit number MTK20450 QUAD ADSL DMT TRANSCEIVER Figure 1. Block Diagram Quad or Mux'd AFE Interface AFE UTOPIA Interface Reset JTAG Test Clocks Interface Module DynaMiTe Core 0 DynaMiTe Core 1 DynaMiTe Core 2 DynaMiTe Core 3 Transceiver Controller |
Número de pieza similar - MTC20455MB-I |
|
Descripción similar - MTC20455MB-I |