| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
7152I02L Datasheet(PDF) 9 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
7152I02L Datasheet(HTML) 9 Page - Integrated Circuit Systems |
|
9 / 9 page ![]() Spread Spectrum Clock Generator MDS 7152 E 9 Revision 012306 Integrated Circuit Systems, Inc. ● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com ICS7152 Ordering Information Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature ICS7152M-01 7152M-01 Tubes 8-pin SOIC 0 to +70 ° C ICS7152M-01T 7152M-01 Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7152M-01LF 7152M01L Tubes 8-pin SOIC 0 to +70 ° C ICS7152M-01LFT 7152M01L Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7152MI-01 7152MI01 Tubes 8-pin SOIC -40 to +85 ° C ICS7152MI-01T 7152MI01 Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7152MI-01LF 7152I01L Tubes 8-pin SOIC -40 to +85 ° C ICS7152MI-01LFT 7152I01L Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7152M-02 7152M-02 Tubes 8-pin SOIC 0 to +70 ° C ICS7152M-02T 7152M-02 Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7152M-02LF 7152M02L Tubes 8-pin SOIC 0 to +70 ° C ICS7152M-02LFT 7152M02L Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7152MI-02 7152MI02 Tubes 8-pin SOIC -40 to +85 ° C ICS7152MI-02T 7152MI02 Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7152MI-02LF 7152I02L Tubes 8-pin SOIC -40 to +85 ° C ICS7152MI-02LFT 7152I02L Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7152M-11 7152M-11 Tubes 8-pin SOIC 0 to +70 ° C ICS7152M-11T 7152M-11 Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7152M-11LF 7152M11L Tubes 8-pin SOIC 0 to +70 ° C ICS7152M-11LFT 7152M11L Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7152MI-11 7152MI11 Tubes 8-pin SOIC -40 to +85 ° C ICS7152MI-11T 7152MI11 Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7152MI-11LF 7152I11L Tubes 8-pin SOIC -40 to +85 ° C ICS7152MI-11LFT 7152I11L Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7152M-12 7152M-12 Tubes 8-pin SOIC 0 to +70 ° C ICS7152M-12T 7152M-12 Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7152M-12LF 7152M12L Tubes 8-pin SOIC 0 to +70 ° C ICS7152M-12LFT 7152M12L Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7152MI-12 7152MI12 Tubes 8-pin SOIC -40 to +85 ° C ICS7152MI-12T 7152MI12 Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7152MI-12LF 7152I12L Tubes 8-pin SOIC -40 to +85 ° C ICS7152MI-12LFT 7152I12L Tape and Reel 8-pin SOIC -40 to +85 ° C |