| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ICS843001AI22 Datasheet(PDF) 6 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS843001AI22 Datasheet(HTML) 6 Page - Integrated Circuit Systems |
|
6 / 17 page ![]() 843001AGI-22 www.icst.com/products/hiperclocks.html REV. A AUGUST 1, 2005 6 Integrated Circuit Systems, Inc. ICS843001I-22 FEMTOCLOCKS™CRYSTAL/LVCMOS-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER TABLE 7B. AC CHARACTERISTICS, V CC = VCCA = VCCO_LVCMOS, VCCO_LVPECL= 2.5V±5%, TA = -40°C TO 85°C TABLE 7A. AC CHARACTERISTICS, V CC = VCCA = VCCO_LVCMOS, VCCO_LVPECL = 3.3V±10%, TA = -40°C TO 85°C l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U f T U O y c n e u q e r F t u p t u O 9 40 4 6z H M t ) Ø ( t ij ; ) m o d n a R ( , r e t t i J e s a h P S M R 1 E T O N ) z H M 0 2 - z H M 5 7 8 . 1 ( z H M 5 2 15 . 0s p f O C V e g n a R k c o L O C V L L P 0 9 40 4 6z H M t R t / F ll a F / e s i R t u p t u O e m i T Q n / Q % 0 8 o t % 0 2 0 0 20 0 5s p T U O _ F E R0 0 20 0 7s p c d oe l c y C y t u D t u p t u O Q n / Q5 45 5% T U O _ F E Rƒ ≤ z H M 0 5 24 46 5% . e c a f r e t n i l a t s y r c a g n i s u r e t t ij e s a h P : 1 E T O N l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U f T U O y c n e u q e r F t u p t u O 9 40 4 6z H M t ) Ø ( t ij ; ) m o d n a R ( , r e t t i J e s a h P S M R 1 E T O N ) z H M 0 2 - z H M 5 7 8 . 1 ( z H M 5 2 15 . 0s p f O C V e g n a R k c o L O C V L L P 0 9 40 4 6z H M t R t / F ll a F / e s i R t u p t u O e m i T Q n / Q % 0 8 o t % 0 2 0 0 20 0 5s p T U O _ F E R0 0 30 0 8s p c d oe l c y C y t u D t u p t u O Q n / Q5 45 5% T U O _ F E Rƒ ≤ z H M 0 5 24 46 5% . e c a f r e t n i l a t s y r c a g n i s u r e t t ij e s a h P : 1 E T O N TABLE 6. INPUT FREQUENCY CHARACTERISTICS, V CC = VCCA = VCCO_LVCMOS, VCCO_LVPECL= 3.3V±10%, TA = -40°C TO 85°C l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U f N I y c n e u q e r F t u p n IK L C 0 = 0 L E S , 1 = 1 L E S4 15 5 . 5 3z H M 0 = 0 L E S , 1 = 1 L E SC D0 5 2z H M |