| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ICS8530DYI-01 Datasheet(PDF) 13 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS8530DYI-01 Datasheet(HTML) 13 Page - Integrated Circuit Systems |
|
13 / 17 page ![]() 8530DYI-01 www.icst.com/products/hiperclocks.html REV. A FEBRUARY 25, 2005 13 Integrated Circuit Systems, Inc. ICS8530I-01 LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER PRELIMINARY POWER CONSIDERATIONS This section provides information on power dissipation and junction temperature for the ICS8530I-01. Equations and example calculations are also provided. 1. Power Dissipation. The total power dissipation for the ICS8530I-01 is the sum of the core power plus the power dissipated in the load(s). The following is the power dissipation for V CC = 3.3V + 5% = 3.465V, which gives worst case results. NOTE: Please refer to Section 3 for details on calculating power dissipated in the load. • Power (core) MAX = VCC_MAX * IEE_MAX = 3.465V * 115mA = 398.5mW • Power (outputs) MAX = 30mW/Loaded Output pair If all outputs are loaded, the total power is 16 * 30mW = 480mW Total Power _MAX (3.465V, with all outputs switching) = 398.5mW + 480mW = 878.5mW 2. Junction Temperature. Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device. The maximum recommended junction temperature for HiPerClockSTM devices is 125°C. The equation for Tj is as follows: Tj = θ JA * Pd_total + TA Tj = Junction Temperature θ JA = Junction-to-Ambient Thermal Resistance Pd_total = Total Device Power Dissipation (example calculation is in section 1 above) T A = Ambient Temperature In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance θ JA must be used. Assuming a moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 22.6°C/W per Table 6 below. Therefore, Tj for an ambient temperature of 85°C with all outputs switching is: 85°C + 0.879W * 22.6°C/W = 104.9°C. This is well below the limit of 125°C. This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow, and the type of board (single layer or multi-layer). TABLE 6. THERMAL RESISTANCE θθθθθ JA FOR 48-PIN TQFP, E-PAD FORCED CONVECTION θθθθθ JA by Velocity (Linear Feet per Minute) 0 200 500 Multi-Layer PCB, JEDEC Standard Test Boards 27.6°C/W 22.6°C/W 20.7°C/W |