Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC866EC Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza MPC866EC
Descripción Electrónicos  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866EC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPC866EC Datasheet HTML 6Page - NXP Semiconductors MPC866EC Datasheet HTML 7Page - NXP Semiconductors MPC866EC Datasheet HTML 8Page - NXP Semiconductors MPC866EC Datasheet HTML 9Page - NXP Semiconductors MPC866EC Datasheet HTML 10Page - NXP Semiconductors MPC866EC Datasheet HTML 11Page - NXP Semiconductors MPC866EC Datasheet HTML 12Page - NXP Semiconductors MPC866EC Datasheet HTML 13Page - NXP Semiconductors MPC866EC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
10
Freescale Semiconductor
Power Dissipation
5
Power Dissipation
Table 5 shows power dissipation information. The modes are 1:1, where CPU and bus speeds are equal, and 2:1
mode, where CPU frequency is twice the bus speed.
6
DC Characteristics
Table 6 shows the DC electrical characteristics for the MPC866/859.
Table 5. Power Dissipation (PD)
Die Revision
Bus Mode
CPU
Frequency
Typical 1
1
Typical power dissipation at VDDL and VDDSYN is at 1.8 V. and VDDH is at 3.3 V.
Maximum 2
2
Maximum power dissipation at VDDL and VDDSYN is at 1.9 V, and VDDH is at 3.465 V.
NOTE
Values in Table 5 represent VDDL based power dissipation and
do not include I/O power dissipation over VDDH. I/O power
dissipation varies widely by application due to buffer current,
depending on external circuitry. The VDDSYN power
dissipation is negligible.
Unit
0
1:1
50 MHz
110
140
mW
66 MHz
150
180
mW
2:1
66 MHz
140
160
mW
80 MHz
170
200
mW
100 MHz
210
250
mW
133 MHz
260
320
mW
Table 6. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Operating voltage
VDDL (core)
1.7
1.9
V
VDDH (I/O)
3.135
3.465
V
VDDSYN 1
1.7
1.9
V
Difference between
VDDL to VDDSYN
100
mV
Input high voltage (all inputs except EXTAL and
EXTCLK) 2
VIH
2.0
3.465
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com