Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX11905EVKIT Datasheet(PDF) 3 Page - Maxim Integrated Products

No. de pieza MAX11905EVKIT
Descripción Electrónicos  Peripheral Module and FMC Connector for Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11905EVKIT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11905EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX11905EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX11905EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX11905EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX11905EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX11905EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX11905EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX11905EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX11905EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX11900/MAX11901/
MAX11902/MAX11903/
MAX11904/MAX11905
MAX11905 Evaluation Kit
*Default position.
Note: JU10 does not exist.
Table 1. Jumper Descriptions
JUMPER
SHUNT POSITION
DESCRIPTION
JU1
Installed
Connects to GND.
Not installed*
Apply the signal at the INV+ SMA connector when using inverting op-amp configuration.
JU2
Installed*
Connects to GND.
Not installed
Apply the signal at the NONINV+ SMA connector when using noninverting op-amp
configuration.
JU3
Installed
Connects signal to the NONINV+ SMA connector to the INV- SMA connector. Only use
with single-ended signal source.
Not installed*
Disconnects signal from the NONINV+ SMA connector to the INV- SMA connector.
JU4
Not installed
Apply the signal at the NONINV- SMA connector when using the noninverting op-amp
configuration.
1-2*
Connects to GND.
2-3
Connects to 50Ω. Only use with single-ended signal source with 50Ω output impedance.
JU5
Installed
Connects to GND.
Not installed*
Apply the signal at the INV- SMA connector when using the inverting op-amp
configuration.
JU6
1-2*
Connects to REF/2 offset.
2-3
Connects to GND.
JU7
1-2
Connects to REF. Only use with single-ended signal source.
2-3*
Connects to JU6-2.
JU8
Not installed*
Enables the line driver.
Installed
Disables the line driver.
JU9
2-3, 5-6, 8-9, 11-12*
Connects the SPI signals coming from the peripheral module or FMC connectors to the IC.
Not installed
User-supplied SPI. Connect the SPI signals at the SCLK, CNVST, DIN, and DOUT test
points.
JU11
Not installed
User-supplied OVDD. Apply +3.3V at the OVDD test point.
1-2
Do not use.
2-3*
OVDD supply connects to the on-board +3.3V LDO.
JU12
Installed*
AVDD supply connects to the on-board +1.8V LDO.
Not installed
User-supplied AVDD. Apply +1.8V at the jumper JU12-2 pin.
JU13
Installed*
REFVDD supply connects to the on-board +3.3V LDO.
Not installed
User-supplied REFVDD. Apply +3.3V at the JU13-2 pin.
JU14
1-2*
REFIN connects to the on-board +3.0V reference.
2-3
User-supplied REFIN. Apply reference voltage at the EXT_REFIN test point.
JU15
Installed*
DVDD supply connects to the on-board +1.8V LDO.
Not installed
User-supplied DVDD. Apply +1.8V at the DVDD test point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com