Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX14571EVKIT Datasheet(PDF) 3 Page - Maxim Integrated Products

No. de pieza MAX14571EVKIT
Descripción Electrónicos  6V to 36V Operating Voltage Range
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14571EVKIT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14571EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX14571EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX14571EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX14571EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX14571EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX14571EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX14571EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX14571EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX14571EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX14571–MAX14573
MAX14571 Evaluation Kit
Undervoltage Lockout (UVLO)
Jumper JU3 (shunted by default) connects the UVLO pin
to GND and configures the device to have the internal
19.2V preset UVLO. To configure a user-defined UVLO,
disconnect JU3 and connect a shunt on JU5. This allows
the device to monitor the IN voltage. Connect a resistor
on R10 to set the user-defined UVLO threshold. Use the
following equation to set the UVLO threshold:
9
1
10
UVLO
BG
R
V
Vx
R
=
+
where:
R9 is 2.2MΩ
VBG is 1.21
External LED2 indicates that an UVLO fault has occurred.
Enable (J1)
To enable the device, connect a USB connector from the
computer to the USB connector, J1. This provides 5V to
VBUS and to the EN pin (JU8 connects VBUS to IN by
default). If no cable is available, connect a 5V DC power
supply between test point TP3 and the corresponding
GND test point, TP4.
Negative Input Test
When applying a negative input to VIN, the negative input
test should be performed when the output capacitors are
fully discharged and VBUS should not be supplied.
Table 1. Default Jumper Settings (JU1–JU11, JU13)
JUMPER
SHUNT POSITION
DESCRIPTION
JU1
1-2*
Sets current threshold to 0.709A.
3-4
Sets current threshold to 2.304A.
5-6
Sets current threshold to 4.197A.
7-8
Adjustable current limit using a potentiometer.
JU2
1-2
Connects the SETI pin to GND, asserts the FLAG output, and sets the current limit to 0A.
Open*
Allows the user to connect JU1 shunts to configure the current limit.
JU3
1-2*
Connects the UVLO pin to GND and enables the internal UVLO threshold.
Open
Allows the user to connect an external resistor-divider to set a user-defined UVLO
threshold.
Note: JU5 should also be connected.
JU4
1-2*
Connects the OVLO pin to GND and enables the internal OVLO threshold.
Open
Allows the user to connect an external resistor-divider to set a user-defined OVLO thresh-
old.
Note: JU5 should also be connected.
JU5
1-2
Allows the user to connect an external resistor-divider to set a user-defined OVLO and
UVLO threshold.
Open*
Connect JU3 and JU4 or connect an external resistor-divider for normal UVLO/OVLO
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com