Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SFH7016 Datasheet(PDF) 8 Page - OSRAM GmbH

No. de pieza SFH7016
Descripción Electrónicos  ?봈ealth Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7016 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH7016 Datasheet HTML 4Page - OSRAM GmbH SFH7016 Datasheet HTML 5Page - OSRAM GmbH SFH7016 Datasheet HTML 6Page - OSRAM GmbH SFH7016 Datasheet HTML 7Page - OSRAM GmbH SFH7016 Datasheet HTML 8Page - OSRAM GmbH SFH7016 Datasheet HTML 9Page - OSRAM GmbH SFH7016 Datasheet HTML 10Page - OSRAM GmbH SFH7016 Datasheet HTML 11Page - OSRAM GmbH SFH7016 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SFH 7016
8 Version 1.3 | 2021-05-27
Max. Permissible Forward Current
● infrared (940 nm): I
F,max = f (TA); Rthja = 670K / W
0
20
40
60
80
[ ]
0
10
20
30
40
50
60
[
]
Permissible Pulse Handling Capability
● true green: I
F = f (tp); D = parameter; TA = 25°C
10-5 10-4 10-3 0,01 0,1
1
10 100
[ ]
0
200
400
600
[
]
:D =1
:D =0,5
:D =0,2
:D =0,1
:D =0,05
:D =0,02
:D =0,01
:D =0,005
Permissible Pulse Handling Capability
● hyper red: I
F = f (tp); D = parameter; TA = 25°C
10-5 10-4 10-3 0,01 0,1
1
10 100
[ ]
0
200
400
600
[
]
:D =1
:D =0,5
:D =0,2
:D =0,1
:D =0,05
:D =0,02
:D =0,01
:D =0,005
Permissible Pulse Handling Capability
● infrared (940 nm): I
F = f (tp); D = parameter;  = 25°C
10-4 10-3 0.01 0.1
1
10
[ ]
0
200
400
600
800
1000
[
]
:D =1
:D =0,5
:D =0,2
:D =0,1
:D =0,05
:D =0,02
:D =0,01
:D =0,005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com