Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PLL702-06SC-R Datasheet(PDF) 8 Page - PhaseLink Corporation

No. de pieza PLL702-06SC-R
Descripción Electrónicos  Clock Generator for Printer Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PLL [PhaseLink Corporation]
Página de inicio  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-06SC-R Datasheet(HTML) 8 Page - PhaseLink Corporation

  PLL702-06SC-R Datasheet HTML 1Page - PhaseLink Corporation PLL702-06SC-R Datasheet HTML 2Page - PhaseLink Corporation PLL702-06SC-R Datasheet HTML 3Page - PhaseLink Corporation PLL702-06SC-R Datasheet HTML 4Page - PhaseLink Corporation PLL702-06SC-R Datasheet HTML 5Page - PhaseLink Corporation PLL702-06SC-R Datasheet HTML 6Page - PhaseLink Corporation PLL702-06SC-R Datasheet HTML 7Page - PhaseLink Corporation PLL702-06SC-R Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PLL702-06
Clock Generator for Printer Applications
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 10/26/05 Page 8
PACKAGE INFORMATION
C
L
A
16 PIN Narrow SOIC ( mm )
E
H
D
A1
e
B
SOIC
Symbol
Min.
Max.
A
A1
B
C
D
E
H
L
e
1.27 BSC
1.35
0.10
0.33
0.19
9.80
3.80
5.80
0.40
1.75
0.25
0.51
0.25
10.00
4.00
6.20
1.27
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL702-06 X X X X
Part / Order Number
Marking
Package Option
Temperature
PLL702-06SC-R
P702-06SC
SOP -Tape and Reel
0 to +70゚C
PLL702-06SC
P702-06SC
SOP -Tubes
0 to +70゚C
PLL702-06SCL-R
P702-06SCL
SOP -Tape and Reel Green
0 to +70゚C
PLL702-06SCL
P702-06SCL
SOP –Tubes Green
0 to +70゚C
PART NUMBER
TEMPERATURE
C=COMMERCIAL
PACKAGE TYPE
S=SOP
NONE= NORMAL PACKAGE
L=
GREEN PACKAGE
NONE= TUBE
R=
TAPE AND REEL



Html Pages

1 2 3 4 5 6 7 8