Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AT25QL321-DWF Datasheet(PDF) 7 Page - Dialog Semiconductor

No. de pieza AT25QL321-DWF
Descripción Electrónicos  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALOG [Dialog Semiconductor]
Página de inicio  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321-DWF Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button AT25QL321-DWF Datasheet HTML 3Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 4Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 5Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 6Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 7Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 8Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 9Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 10Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
6
AT25QL321
DS-25QL321–131C–5/2017
2.
Block Diagram
Figure 2-1 shows a block diagram of the AT25QL321 serial Flash.
Figure 2-1. AT25QL321 Block Diagram
Flash
Memory
Array
Y-Gating
CS
SCK
Note: I/O3-0 pin naming convention is used for Dual-I/O and Quad-I/O commands.
SO (I/O1)
SI (I/O0)
Y-Decoder
X-Decoder
I/O Buffers
and Latches
Control and
Protection Logic
SRAM
Data Buffer
WP (I/O2)
Interface
Control
And
Logic
HOLD
(I/O3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79