| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC210W-12-M2/Q Datasheet(PDF) 7 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
SC210W-12-M2/Q Datasheet(HTML) 7 Page - M-System Co.,Ltd. |
|
7 / 13 page ![]() MODEL: SC210W SC210W SPECIFICATIONS ES-6347 Rev.0 Page 7/13 http://www.m-system.co.jp/ COMMUNICATION CABLE CONNECTIONS SML SML SC210W *1 *1 T1 T2 T3 FG T1 T2 T3 T4 T1 T2 T3 T4 ■ Modbus-RTU ■ NestBus R2K-1 SC210W SC210W RS-232-C RS-485 *1 *1 *1. Internal terminating resistor is used when the device is at the end of a transmission line. *2. For noise protection, connect all shielded cables with each other and ground them at a single dedicated ground point within the system with grounding resistance of 100 Ω or less. Note that the most suitable ground point differs depending on the system. Also note that there may be cases where less noise is caused when the shields are left ungrounded. *2 FG *2 FG RS-485 T1 T2 T3 T4 T1 T2 T3 FG T1 T2 T3 FG |