Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

68HC05JB4 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

No. de pieza 68HC05JB4
Descripción Electrónicos  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB4 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB4 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 25Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 134 page
background image
GENERAL RELEASE SPECIFICATION
February 24, 1999
MOTOROLA
MEMORY
MC68HC05JB4
2-2
REV 2
2.1
I/O AND CONTROL REGISTERS
The I/O and Control Registers reside in locations $0000 to $003F. The bit assign-
ments for each register are shown in Figure 2-2, Figure 2-3, Figure 2-4, and
Figure 2-5. Reading from unused bits will return unknown states, and writing to
unused bits will be ignored.
2.2
RAM
The user RAM consists of 176 bytes (including the stack) at locations $0080 to
$012F. The stack begins at address $00FF and proceeds down to $00C0. Using
the stack area for data storage or temporary work locations requires care to pre-
vent it from being overwritten due to stacking from an interrupt or subroutine call.
2.3
ROM
There are a total of 4k bytes of ROM on chip. This includes 3584 bytes of user
ROM with locations $1000 to $1DFF for user program storage and 16 bytes for
user vectors at locations $1FF0 to $1FFF. Also, 496 bytes of Self-check ROM on
chip at locations $1E00 to $1FEF.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com