Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VS6624 Datasheet(PDF) 46 Page - STMicroelectronics

No. de pieza VS6624
Descripción Electrónicos  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 42Page - STMicroelectronics VS6624 Datasheet HTML 43Page - STMicroelectronics VS6624 Datasheet HTML 44Page - STMicroelectronics VS6624 Datasheet HTML 45Page - STMicroelectronics VS6624 Datasheet HTML 46Page - STMicroelectronics VS6624 Datasheet HTML 47Page - STMicroelectronics VS6624 Datasheet HTML 48Page - STMicroelectronics VS6624 Datasheet HTML 49Page - STMicroelectronics VS6624 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
Register map
VS6624
46/100
Rev 1
Example
Convert -0.41 to Float 900
Convert the fraction into binary by successive multiplication by 2 and removal of integer
component
0.41 * 2 = 0.82
0
0.82 * 2 = 1.64
1
0.64 * 2 = 1.28
1
0.28 * 2 = 0.56
0
0.56 * 2 = 1.12
1
0.12 * 2 = 0.24
0
0.24 * 2 = 0.48
0
0.48 * 2 = 0.96
0
0.96 * 2 = 1.92
1
0.92 * 2 = 1.84
1
0.84 * 2 = 1.68
1
0.68 * 2 = 1.36
1
0.36 * 2 = 0.72
0
This gives us -0.0110100011110.
We then normalize by moving the decimal point to give - 1.10100011110 * 2^-2.
The mantissa is rounded and the leading zero removed to give 101001000.
We add the exponent to the bias of 31 that gives us 29 or 11101.
A leading zero is added to give 6 bits 011101.
The sign bit is set at 1 as the number is negative.
This gives us 1011 1011 0100 1000 as our Float 900 representation or BB48 in hex.
To convert the encoded representation back to a decimal floating point, we can use the
following formula.
Real is = (-1)^sign * ((512+mantissae)>> 9) * 2^(exp-31)
Thus to convert BB48 back to decimal, the following procedure is followed:
Note that >>9 right shift is equal to division by 2^9.
Sign = 1
Exponent = 11101 (29 decimal)
Mantissa = 101001000 (328 decimal)
This gives us:
real = (-1)^1 * ((512+328)/2^9) * 2^(29-31)
real = -1 * (840/512) * 2^(-2)
real = -1 * 1.640625 * 0.25
real = -0.41015625
When compared to the original -0.41, we see that some rounding errors have been
introduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100