Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA2452A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA2452A
Descripción Electrónicos  SAW Filter 1794 MHz SMD 1.1횞0.9 mm (BW = 18 MHz)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA2452A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA2452A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA2452A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA2452A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA2452A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA2452A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA2452A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA2452A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Name: SAW Filter 1794 MHz SMD 1.1×0.9 mm (BW = 18 MHz)
TST Parts No.: TA2452A
Customer Part No.:
Checked by:
Sam Lin
Approved by:
Andy Yu
Date:
2018/11/14
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes
Customer signature required
Company:
Division:
Approved by :
Date:


Número de pieza similar - TA2452A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transko Electronics, In...
TA2450AQ2 TRANSKO-TA2450AQ2 Datasheet
514Kb / 4P
WLAN, RF SAW Filter
Revision 0: October 2011
TA2450DA2 TRANSKO-TA2450DA2 Datasheet
548Kb / 4P
WLAN, RF SAW Filter
Revision 0: August 2012
TA2450DQ1 TRANSKO-TA2450DQ1 Datasheet
318Kb / 2P
WLAN, RF SAW Filter
Revision 0: January 2012
TA2450DQ5 TRANSKO-TA2450DQ5 Datasheet
560Kb / 4P
WLAN, RF SAW Filter
Revision 0: October 2012
logo
TAI-SAW TECHNOLOGY CO.,...
TA2458A TAI-SAW-TA2458A Datasheet
437Kb / 6P
SAW Filter 895 MHz
More results

Descripción similar - TA2452A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1040A TAI-SAW-TA1040A Datasheet
267Kb / 7P
SAW Filter 2338.75 MHz 12.5 MHz BW SMD 1.4X1.1 mm
TA1690B TAI-SAW-TA1690B Datasheet
436Kb / 10P
SAW Filter 881.5MHz Band 5 Rx SMD 1.1횞0.9 mm (BW=25 MHz)
TA1690D TAI-SAW-TA1690D Datasheet
431Kb / 11P
SAW Filter SAW Filter 881.5MHz Band 5 Rx SMD 1.1횞0.9 mm (BW=25 MHz)
TA1692D TAI-SAW-TA1692D Datasheet
364Kb / 7P
SAW Filter 836.5 MHz 25MHz BW SMD 1.1횞0.9 mm
TA2309A TAI-SAW-TA2309A Datasheet
394Kb / 8P
SAW Filter 1223 MHz GPS L2 SMD 1.1횞0.9 mm (BW 52 MHz)
TA1019B TAI-SAW-TA1019B Datasheet
758Kb / 6P
SAW Filter 876 MHz SMD 3.0횞3.0 mm (BW=8 MHz)
TA1413C TAI-SAW-TA1413C Datasheet
407Kb / 7P
SAW Filter 1128 MHz SMD 3.0X3.0 mm(BW=34 MHz)
TA1692DA TAI-SAW-TA1692DA Datasheet
199Kb / 7P
SAW Filter 836.5 MHz Band 5 Tx SMD 1.1횞0.9 mm (BW = 25 MHz)
TA2600A TAI-SAW-TA2600A Datasheet
377Kb / 8P
SAW Filter 1221.5 MHz CSP 1.1횞0.9 mm
TA2603A TAI-SAW-TA2603A Datasheet
393Kb / 8P
SAW Filter 2442 MHz CSP 1.1횞0.9 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com