Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QM13021TR13 Datasheet(PDF) 1 Page - Qorvo, Inc

No. de pieza QM13021TR13
Descripción Electrónicos  Configurable Impedance Tuner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QORVO [Qorvo, Inc]
Página de inicio  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM13021TR13 Datasheet(HTML) 1 Page - Qorvo, Inc

  QM13021TR13 Datasheet HTML 1Page - Qorvo, Inc QM13021TR13 Datasheet HTML 2Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QM13021
Configurable Impedance Tuner
QM13021021 Product Brief Rev. 1 | Subject to change without notice
1 of 2
www.qorvo.com
Preliminary
Ordering Information
PART NO.
DESCRIPTION
QM13021SB
5-pc Sample Bag
QM13021SR
100-
pc, 7” Reel
QM13021TR13
10000-
pc, 13” Reel
QM13021DK
Design Kit with EVB and 5-pc Sample Bag
Product Description
The QM13021 can be configured for versatile antenna or
impedance tuning applications. QM13021 has two
tunable capacitors, three
SPST’s, and one SPDT in a
single package. QM13021 is specifically designed to
enable creation of high performance advanced
architectures to maximize TRP & TIS performance in
space constrained applications.
Functional Block Diagram
Top View
15 Pin 1.6 x 2.0 x 0.44 mm Package
Feature Overview
Low Insertion Loss
Tunable capacitor, PAC1
o
Wide tuning range: 0.40pF to 8.0pF
o
Small tuning step size: 0.25pF
Tunable capacitor, PAC2
o
Wide tuning range: 0.40pF to 4.0pF
o
Small tuning step size: 0.24pF
Switches: SW1, SW2, SW3, SW4 & SW5
Small size 1.6mm x 2.0mm x 0.44mm Laminate
Package
High RF voltage handling capability
RFFE/MIPI Interface: Individual switch control
Excellent linearity and low current consumption
Applications
Configurable Tuning RF Matching Network
Multi-Mode GSM, EDGE, WCDMA, and LTE
Antenna or Impedance Tuning
Primary and Secondary Antenna Application


Número de pieza similar - QM13021TR13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Qorvo, Inc
QM13244 QORVO-QM13244 Datasheet
341Kb / 5P
4xSPST (Dual Single-Pole-Single-Throw Switch)
QM13244DK QORVO-QM13244DK Datasheet
341Kb / 5P
4xSPST (Dual Single-Pole-Single-Throw Switch)
QM13244SB QORVO-QM13244SB Datasheet
341Kb / 5P
4xSPST (Dual Single-Pole-Single-Throw Switch)
QM13244SR QORVO-QM13244SR Datasheet
341Kb / 5P
4xSPST (Dual Single-Pole-Single-Throw Switch)
QM13244TR13 QORVO-QM13244TR13 Datasheet
341Kb / 5P
4xSPST (Dual Single-Pole-Single-Throw Switch)
More results

Descripción similar - QM13021TR13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharp Corporation
BSFH77G04 SHARP-BSFH77G04 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G06 SHARP-BSFH77G06 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G25 SHARP-BSFH77G25 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
Satellite Tuner
BSFH78G14 SHARP-BSFH78G14 Datasheet
53Kb / 2P
Satellite Tuner
logo
General Semiconductor
BB721S GE-BB721S Datasheet
121Kb / 4P
Tuner Diodes
logo
Guangdong Kexin Industr...
BB731 KEXIN-BB731 Datasheet
31Kb / 1P
Tuner Diodes
logo
Zhaoxingwei Electronics...
BB731 ZHAOXINGWEI-BB731 Datasheet
42Kb / 1P
Tuner Diodes
BB731S ZHAOXINGWEI-BB731S Datasheet
43Kb / 1P
Tuner Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com