| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MICRF620TR Datasheet(PDF) 7 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MICRF620TR Datasheet(HTML) 7 Page - Micrel Semiconductor |
|
7 / 18 page ![]() Micrel, Inc. MICRF620 December 2005 7 M9999-120205 Programming General The MICRF620 functions are enabled through a number of programming bits. The programming bits are organized as a set of addressable control registers, each register holding 8 bits. There are 23 control registers in total in the MICRF620, and they have addresses ranging from 0 to 22. The user can read all the control registers. The user can write to the first 22 registers (0 to 21); the register 22 is a read-only register. All control registers hold 8 bits and all 8 bits must be written to when accessing a control register, or they will be read. Some of the registers do not utilize all 8 bits. The value of an unused bit is “don’t care.” The control register with address 0 is referred to as ControlRegister0, the control register with address 1 is ControlRegister1 and so on. A summary of the control registers is given in the table below. In addition to the unused bits (marked with”-“) there are a number of fixed bits (marked with “0” or “1”). Always maintain these as shown in the table. The control registers in MICRF620 are accessed through a 3-wire interface; clock, data and chip select. These lines are referred to as SCLK, IO, and CS, respectively. This 3- wire interface is dedicated to control register access and is referred to as the control interface. Received data (via RF) and data to transmit (via RF) are handled by the DataIXO and DataClk (if enabled) lines; this is referred to as the data interface. The SCLK line is applied externally; access to the control registers are carried out at a rate determined by the user. The MICRF620 will ignore transitions on the SCLK line if the CS line is inactive. The MICRF620 can be put on a bus, sharing clock and data lines with other devices. All control registers should be written to after a battery reset. During operation, it is sufficient to write to one register only. The MICRF620 will automatically enter power down mode after a battery reset. Address Data A6…A0 D7 D6 D5 D4 D3 D2 D1 D0 0000000 LNA_by PA2 PA1 PA0 Sync_en Mode1 Mode0 ‘1’ 0000001 ‘1’ ‘0’ ‘0’ ‘0’ RSSI_en LD_en PF_FC1 PF_FC0 0000010 ‘0’ ‘SC_by’ ‘0’ ‘PA_by’ ‘0’ ‘0’ ‘0’ ‘0’ 0000011 ‘1’ ‘1’ ‘0’ VCO_IB2 VCO_IB1 VCO_IB0 VCO_freq1 VCO_freq0 0000100 ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ 0000101 - - ‘0’ ‘1’ ‘0’ ‘0’ ‘0’ ‘0’ 0000110 - ‘0’ ‘0’ ‘0’ BitSync_clkS2 BitSync_clkS1 BitSync_clkS0 BitRate_clkS2 0000111 BitRate_clkS1 BitRate_clkS0 RefClk_K5 RefClk_K4 RefClk_K3 RefClk_K2 RefClk_K1 RefClk_K0 0001000 ‘1’ ‘1’ ScClk5 ScClk4 ScClk3 ScClk2 ScClk1 ScClk0 0001001 ‘0’ ‘1’ ‘1’ XCOtune4 XCOtune3 XCOtune2 XCOtune1 XCOtune0 0001010 - - A0_5 A0_4 A0_3 A0_2 A0_1 A0_0 0001011 - - - - N0_11 N0_10 N0_9 N0_8 0001100 N0_7 N0_6 N0_5 N0_4 N0_3 N0_2 N0_1 N0_0 0001101 - - - - M0_11 M0_10 M0_9 M0_8 0001110 M0_7 M0_6 M0_5 M0_4 M0_3 M0_2 M0_1 M0_0 0001111 - - A1_5 A1_4 A1_3 A1_2 A1_1 A1_0 0010000 - - - - N1_11 N1_10 N1_9 N1_8 0010001 N1_7 N1_6 N1_5 N1_4 N1_3 N1_2 N1_1 N1_0 0010010 - - - - M1_11 M1_10 M1_9 M1_8 0010011 M1_7 M1_6 M1_5 M1_4 M1_3 M1_2 M1_1 M1_0 0010100 ‘1’ ‘0’ ‘1’ ‘1’ ‘0’ ‘1’ ‘0’ ‘1’ 0010101 - - - - FEEC_3 FEEC_2 FEEC_1 FEEC_0 0010110 FEE_7 FEE_6 FEE_5 FEE_4 FEE_3 FEE_2 FEE_1 FEE_0 Table 1. Control Registers in MICRF620 |