Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZPSD301V Datasheet(PDF) 15 Page - STMicroelectronics

No. de pieza ZPSD301V
Descripción Electrónicos  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301V Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ZPSD301V Datasheet HTML 11Page - STMicroelectronics ZPSD301V Datasheet HTML 12Page - STMicroelectronics ZPSD301V Datasheet HTML 13Page - STMicroelectronics ZPSD301V Datasheet HTML 14Page - STMicroelectronics ZPSD301V Datasheet HTML 15Page - STMicroelectronics ZPSD301V Datasheet HTML 16Page - STMicroelectronics ZPSD301V Datasheet HTML 17Page - STMicroelectronics ZPSD301V Datasheet HTML 18Page - STMicroelectronics ZPSD301V Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 85 page
background image
PSD3XX Family
12
Multiplexed Address/Data
Non-Multiplexed Address/Data
8-bit Data Bus
I/O or low-order address
Port A
lines or Low-order multiplexed
D0–D7 data bus byte
address/data byte
Port B
I/O and/or CS0–CS7
I/O and/or CS0–CS7
AD0/A0–AD7/A7
Low-order multiplexed
address/data byte
Low-order address bus byte
AD8/A8–AD15/A15
High-order address
High-order address bus byte
bus byte
16-bit Data Bus
I/O or low-order address
Port A
lines or low-order multiplexed
Low-order data bus byte
address/data byte
Port B
I/O and/or CS0–CS7
High-order data bus byte
AD0/A0–AD7/A7
Low-order multiplexed
address/data byte
Low-order address bus byte
AD8/A8–AD15/A15
High-order multiplexed
address/data byte
High-order address bus byte
8.0
Operating
Modes (MCU
Configurations)
(cont.)
Table 3. Bus and Port Configuration Options
9.0
Programmable
Address
Decoder (PAD)
The PSD3XX contains two programmable arrays, referred to as PAD A and PAD B
(Figure 4). PAD A is used to generate chip select signals derived from the input address to
the internal EPROM blocks, SRAM, I/O ports, and Track Mode signals.
PAD B outputs to Ports B and C for off-chip usage. PAD B can also be used to extend the
decoding to select external devices or as a random logic replacement.
PAD A and PAD B receive the same inputs. The PAD logic is configured by PSDsoft
based on the designer’s input. The PAD’s non-volatile configuration is stored in a
re-programmable CMOS EPROM. Windowed packages are available for erasure by the
user. See Table 4 for a list of PAD A and PAD B functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com