Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZPSD301R Datasheet(PDF) 31 Page - STMicroelectronics

No. de pieza ZPSD301R
Descripción Electrónicos  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301R Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ZPSD301R Datasheet HTML 27Page - STMicroelectronics ZPSD301R Datasheet HTML 28Page - STMicroelectronics ZPSD301R Datasheet HTML 29Page - STMicroelectronics ZPSD301R Datasheet HTML 30Page - STMicroelectronics ZPSD301R Datasheet HTML 31Page - STMicroelectronics ZPSD301R Datasheet HTML 32Page - STMicroelectronics ZPSD301R Datasheet HTML 33Page - STMicroelectronics ZPSD301R Datasheet HTML 34Page - STMicroelectronics ZPSD301R Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 85 page
background image
PSD3XX Family
28
14.0
System
Applications
(cont.)
In Figure 12, the PSD3XX is configured to interface with Motorola’s 68HC11, which is a
16-bit address/8-bit data bus microcontroller. Its data bus is multiplexed with the low-order
address byte. The 68HC11 uses E and R/W signals to derive the read and write strobes.
It uses the Address Strobe (AS) for the address latch pulse. RESET is an active-low signal.
The rest of the configuration bits, as well as the unconnected signals, are specific, and thus,
user dependent.
MICROCONTROLLER
20
21
22
23
24
25
43
45
47
49
44
46
48
50
34
33
32
31
30
29
28
27
52
51
23
24
25
26
27
28
29
30
31
32
33
35
36
37
38
39
22
2
13
3
1
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
E
R/W
AS
RESET
XIRQ
IRQ
MODB
MODA
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PC0
PC1
PC2
A19/CSI
9
10
11
12
13
14
15
16
42
41
40
39
38
37
36
35
5
6
4
17
18
19
2
3
21
20
19
18
17
16
15
14
11
10
9
8
7
6
5
4
40
41
42
43
PD0
PD1
PD2
PD3
PD4
PD5
PE0
PE1
PE2
PE3
PD4
PE5
PE6
PE7
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
VRH
VRL
AD0/A0
AD1/A1
AD2/A2
AD3/A3
AD4/A4
AD5/A5
AD6/A6
AD7/A7
AD8/A8
AD9/A9
AD10/A10
AD11/A11
AD12/A12
AD13/A13
AD14/A14
AD15/A15
E
R/W/VPP
AS
RESET
BHE/PSEN
GND
RESET
PSD3XX
34
12
VCC
VCC
68HC11
XTAL EXTAL
44
0.1µF
Figure 12. PSD3XX Interface With Motorola’s 68HC11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85