Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC5603CFMLH4R Datasheet(PDF) 52 Page - NXP Semiconductors

No. de pieza MPC5603CFMLH4R
Descripción Electrónicos  MPC5604B/C Microcontroller Data Sheet
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5603CFMLH4R Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button MPC5603CFMLH4R Datasheet HTML 48Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 49Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 50Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 51Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 52Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 53Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 54Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 55Page - NXP Semiconductors MPC5603CFMLH4R Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 14
Package pinouts and signal descriptions
NXP Semiconductors
52
Figure 10. Voltage regulator capacitance connection
The internal voltage regulator requires external capacitance (CREGn) to be connected to the device in order
to provide a stable low voltage digital supply to the device. Capacitances should be placed on the board as
near as possible to the associated pins. Care should also be taken to limit the serial inductance of the board
to less than 5 nH.
Each decoupling capacitor must be placed between each of the three VDD_LV/VSS_LV supply pairs to
ensure stable voltage (see 2.13, Recommended operating conditions).
The internal voltage regulator requires a controlled slew rate of both VDD_HV and VDD_BV as described in
Figure 11.
DEVICE
VSS_LV
VDD_BV
VDD_LV
VSS_LV
VDD_LV
VDD_HV
VSS_LV
VDD_LV
CREG2 (LV_COR/LV_CFLA)
CREG3
CDEC2
DEVICE
VDD_BV
I
VDD_LVn
VREF
VDD_HV
Voltage Regulator
VSS_HV
VSS_LVn
(supply/IO decoupling)
(LV_COR/LV_PLL)