Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC5601PEF0MLH6R Datasheet(PDF) 39 Page - NXP Semiconductors

No. de pieza MPC5601PEF0MLH6R
Descripción Electrónicos  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5601PEF0MLH6R Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPC5601PEF0MLH6R Datasheet HTML 35Page - NXP Semiconductors MPC5601PEF0MLH6R Datasheet HTML 36Page - NXP Semiconductors MPC5601PEF0MLH6R Datasheet HTML 37Page - NXP Semiconductors MPC5601PEF0MLH6R Datasheet HTML 38Page - NXP Semiconductors MPC5601PEF0MLH6R Datasheet HTML 39Page - NXP Semiconductors MPC5601PEF0MLH6R Datasheet HTML 40Page - NXP Semiconductors MPC5601PEF0MLH6R Datasheet HTML 41Page - NXP Semiconductors MPC5601PEF0MLH6R Datasheet HTML 42Page - NXP Semiconductors MPC5601PEF0MLH6R Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
39
Figure 6 shows the constraints of the different power supplies.
Figure 6. Power supplies constraints (3.0 V
 VDD_HV_IOx  5.5 V)
The MPC5602P supply architecture allows the ADC supply to be managed independently from the standard VDD_HV supply.
Figure 7 shows the constraints of the ADC power supply.
Figure 7. Independent ADC supply (3.0 V
VDD_HV_REG  5.5 V)
VDD_HV_xxx
VDD_HV_IOx
3.0 V
5.5 V
3.0 V
5.5 V
3.3 V
3.3 V
Note: IO AC and DC characteristics are guaranteed only in the range of 3.0–3.6 V when
PAD3V5V is low, and in the range of 4.5–5.5 V when PAD3V5V is high.
5.5 V
3.0 V
VDD_HV_REG
3.0 V
5.5 V
VDD_HV_ADCx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95