| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2STF1360 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STF1360 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 11 page ![]() November 2005 1/11 11 2STF1360 2STN1360 LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS Features ■ VERY LOW COLLECTOR-EMITTER SATUARATION VOLTAGE ■ HIGH CURRENT GAIN CHARACTERISTIC ■ FAST-SWITCHING SPEED ■ IN COMPLANCE WITH THE 2002/93/EC EUROPEAN DIRECTIVE ■ SURFACE MOUNTING DEVICES IN MEDIUM POWER SOT-223 AND SOT-89 PACKAGES ■ AVAILABLE IN TAPE & REEL PACKING Applications ■ EMERGENCY LIGHTING ■ LED ■ CCFL DRIVERS (BACK LIGHTING) ■ VOLTAGE REGULATION ■ RELAY DRIVER Description The 2STF1360 and 2STN1360 are NPN transistors manufactured using new “PB-HDC” (Power Bipolar High Density Current) technology. The resulting transistor shows exceptional high gain performances coupled with very low saturation voltage. Order Codes Internal Schematic Diagram SOT-223 SOT-89 1 2 2 3 Part Number Marking Package Packing 2STF1360 2STN1360 1360 N1360 SOT-89 SOT-223 Tape & Reel Tape & Reel www.st.com rev.1 |
Número de pieza similar - 2STF1360 |
|
Descripción similar - 2STF1360 |