Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZPSD301V-B-20UI Datasheet(PDF) 38 Page - STMicroelectronics

No. de pieza ZPSD301V-B-20UI
Descripción Electrónicos  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301V-B-20UI Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ZPSD301V-B-20UI Datasheet HTML 34Page - STMicroelectronics ZPSD301V-B-20UI Datasheet HTML 35Page - STMicroelectronics ZPSD301V-B-20UI Datasheet HTML 36Page - STMicroelectronics ZPSD301V-B-20UI Datasheet HTML 37Page - STMicroelectronics ZPSD301V-B-20UI Datasheet HTML 38Page - STMicroelectronics ZPSD301V-B-20UI Datasheet HTML 39Page - STMicroelectronics ZPSD301V-B-20UI Datasheet HTML 40Page - STMicroelectronics ZPSD301V-B-20UI Datasheet HTML 41Page - STMicroelectronics ZPSD301V-B-20UI Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 85 page
background image
PSD3XX Family
35
17.0
Calculating
Power
(cont.)
0
0
5
10
15
20
25
30
35
40
45
50
5
10
15
20
25
30
35
40
45
Composite Frequency at PAD Inputs (MHz)
40 PT Turbo
40 PT Non -Turbo
10 PT Turbo
10 PT Non -Turbo
Figure 14. Typical ICC vs. Frequency for the PAD (VCC = 5 V)
0
0
5
10
15
20
25
2
4
6
8
10
12
14
Composite Frequency at PAD Inputs (MHz)
40 PT Turbo
40 PT Non -Turbo
10 PT Turbo
10 PT Non -Turbo
Figure 15. Typical ICC vs. Frequency (VCC = 3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com