| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OBR50M-R300-2P1-V1 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
OBR50M-R300-2P1-V1 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc. |
|
1 / 3 page ![]() Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com 1 Retroreflective sensor OBR50M-R300-2P1-V1 Dimensions Electrical connection Pinout Indicators/operating means 23.8 ø 5.2 8 14.8 54.3 M12 x 1 25.8 1 L+ L- 4 2 3 Q Q 1 3 4 2 1 BN 2 WH 3 BU 4 BK Wire colors in accordance with EN 60947-5-2 (brown) (white) (blue) (black) 1 Operating indicator Green 2 Signal indicator Yellow 3 Teach-in button 4 Transmitter 5 Receiver 2 2 1 3 5 4 TI Model Number OBR50M-R300-2P1-V1 Retroreflective sensor Features • Pulse Ranging Technology (PRT) • Optimized for use with fixed reflectors • Good alignability due to red transmission LED • Reliable detection of reflecting metall objects • Simple operation with only one TEACH-IN button Product information The sensors in the R300 series represent a versatile product line and adopt various func- tional principles. All sensors operate using proven Pulse Ranging Technology (PRT) and are characterized by high sensing ranges and detection ranges. Contained within the com- pact housing of the 28 series of light barriers, the R300 offers all of the properties of PRT such as maximum reliability when detecting objects and immunity against ambient light and cross-talk. To achieve this, the sensors in the R300 series make use of a number of dif- ferent kinds of measurement data. What's more, the sensors are equipped with red light that is safe for the human eye as standard, making it easier to align the devices, even across expansive work areas. These fea- tures, combined with an innovative and intui- tive operating concept, provide solutions for conventional automation tasks delivering the highest level of performance. |
Número de pieza similar - OBR50M-R300-2P1-V1 |
|
Descripción similar - OBR50M-R300-2P1-V1 |