| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM6528 Datasheet(PDF) 56 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6528 Datasheet(HTML) 56 Page - Texas Instruments |
|
56 / 282 page ![]() Table 6-1. Pin Attributes (continued) BALL NUMBER [1] BALL NAME [2] SIGNAL NAME [3] MUXMOD E [4] TYPE [5] BALL RESET STATE [6] BALL RESET REL. MUXMOD E [7] I/O VOLTAGE VALUE [8] POWER [9] HYS [10] BUFFER TYPE [11] PULL UP/ DOWN TYPE [12] DSIS [13] RXACTIVE / TXDISABL E [14] IO Daisy Chain [15] A1, A2, A28, AA11, AA13, AA15, AA17, AA19, AA23, AA26, AA7, AB10, AB12, AB14, AB16, AB18, AB20, AB22, AD4, AE10, AE25, AE5, AF15, AF2, AF20, AF8, AG1, AG10, AG28, AG4, AG7, AH1, AH11, AH2, AH27, AH28, AH5, AH8, B12, B15, B20, B6, B9, D22, E26, E28, E4, F14, F19, F22, F25, F27, F3, G11, G13, G16, G2, G21, G23, G7, G9, H1, H10, H12, H14, H20, H22, H24, H26, H28, H6, H8, J11, J13, J15, J18, J21, J23, J25, J27, J7, J9, K1, K10, K12, K14, K17, K19, K22, K23, K6, K8, L11, L13, L16, L23, L24, L26, L28, L3, L7, L9, M10, M15, M17, M20, M8, N11, N13, N16, N19, N21, N7, N9, P10, P12, P14, P16, P18, P22, P6, P8, R11, R13, R15, R17, R19, R21, R7, R9, T10, T12, T14, T16, T18, T22, T26, T8, U11, U13, U15, U17, U19, U21, U3, U7, U9, V10, V12, V14, V18, V20, V22, V6, W11, W13, W15, W17, W19, W21, W23, W7, W9, Y12, Y14, Y16, Y18, Y22, Y6, Y8 VSS VSS GND AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 www.ti.com 56 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: AM6548 AM6528 AM6526 |