| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STV82X8 Datasheet(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV82X8 Datasheet(HTML) 52 Page - STMicroelectronics |
|
52 / 157 page ![]() Register List STV82x8 52/157 VOLUME_MODES D9h 1101 1111 ANTCLIP_H P_VOL_CL AMP ANTICLIP_L S_VOL_CL AMP 0 SCART2_ VOLUME_ MODE SCART1_ VOLUME_ MODE HP_ VOLUME_ MODE SRND_ VOLUME_ MODE LS_ VOLUME_ MODE LS_L_VOLUME_MSB DAh 1001 1000 LS_L_VOLUME_MSB[7:0] LS_L_VOLUME_LSB DBh 0000 0000 0 0 0 0 0 0 LS_L_VOLUME_LSB[1:0] LS_R_VOLUME_MSB DCh 0000 0000 LS_R_VOLUME_MSB[7:0] LS_R_VOLUME_LSB DDh 0000 0000 0 0 0 0 0 0 LS_R_VOLUME_LSB[1:0] LS_C_VOLUME_MSB DEh 1001 1000 LS_C_VOLUME_MSB[7:0] LS_C_VOLUME_LSB DFh 0000 0000 0 0 0 0 0 0 LS_C_VOLUME_LSB[1:0] LS_SUB_VOLUME_MSB E0h 1001 1000 LS_SUB_VOLUME_MSB[7:0] LS_SUB_VOLUME_LSB E1h 0000 0000 0 0 0 0 0 0 LS_SUB_VOLUME_LSB[ 1:0] LS_SL_VOLUME_MSB E2h 1001 1000 LS_SL_VOLUME_MSB[7:0] LS_SL_VOLUME_LSB E3h 0000 0000 0 0 0 0 0 0 LS_SL_VOLUME_LSB[ 1:0] LS_SR_VOLUME_MSB E4h 0000 0000 LS_SR_VOLUME_MSB[7:0] LS_SR_VOLUME_LSB E5h 0000 0000 0 0 0 0 0 0 LS_SR_VOLUME_LSB[ 1:0] LS_MASTER_VOLUME_ MSB E6h 1110 1000 LS_MASTER_VOLUME_MSB[7:0] LS_MASTER_VOLUME_ LSB E7h 0000 0000 0 0 0 0 0 0 LS_MASTER_VOLUME_ LSB[1:0] HP_L_VOLUME_MSB E8h 1001 1000 HP_L_VOLUME_MSB[7:0] HP_L_VOLUME_LSB E9h 0000 0000 0 0 0 0 0 0 HP_L_VOLUME_LSB[1:0] HP_R_VOLUME_MSB EAh 0000 0000 HP_R_VOLUME_MSB[7:0] HP_R_VOLUME_LSB EBh 0000 0000 0 0 0 0 0 0 HP_R_VOLUME_LSB [1:0] AUX_VOLUME_INDEX ECh 0000 0001 0 0 0 0 0 0 AUX_VOLUME_SELECT [1:0] AUX_L_VOLUME_MSB EDh 1101 1101 AUX_L_VOLUME_MSB[7:0] AUX_L_VOLUME_LSB EEh 0000 0000 0 0 0 0 0 0 AUX_L_VOLUME_LSB[ 1:0] AUX_R_VOLUME_MSB EFh 0000 0000 AUX_R_VOLUME_MSB[7:0] AUX_R_VOLUME_LSB F0h 0000 0000 0 0 0 0 0 0 AUX_R_VOLUME_LSB[ 1:0] Mute MUTE_SOFTWARE F1h 1111 1111 HP D_MUTE SPDIF_D_M UTE SCART2_ D_MUTE SCART1_D _MUTE SRND_D_M UTE SUB_ D_MUTE C_ D_MUTE LS_ D_MUTE Beeper BEEPER_ON F2h 0000 0000 0 0 0 0 0 BEEPER_SOUND_SELE CT[1:0] BEEPER_ ON BEEPER_MODE F3h 0100 0011 BEEPER_DECAY[1:0] BEEPER_DURATION[1:0] BEEPER_ CONTINUO US BEEPER_PATH[1:0] BEEPER_FREQ_VOL F4h 0111 0110 BEEPER_FREQ[2:0] BEEPER_VOLUME[4:0] SPDIF Out Configuration SPDIF_OUT_CHANNEL_ STATUS F5h 0000 0010 0 0 0 0 0 SPDIF_CO PYRIGHT SPDIF_NO_ PCM SPDIF_CO NSUMER_P RO Headphone Configuration HP_SCART2_CONFIG F6h 0000 0010 0 KARAOKE_ MIX SCART2_OUT_SELECT HP_FORCE HP_LS_ MUTE HP_DET_ ACTIVE HP_ DETECTED Table 8: List of I²C Registers (Sheet 4 of 5) Name Addr. Reset Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |