| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AHC02DBLE Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74AHC02DBLE Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 18 page ![]() SN54AHC02, SN74AHC02 QUADRUPLE 2-INPUT POSITIVE-NOR GATES SCLS254K– DECEMBER 1995 – REVISED JULY 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Operating Range 2-V to 5.5-V VCC D Latch-Up Performance Exceeds 250 mA Per JESD 17 D ESD Protection Exceeds JESD 22 – 2000-V Human-Body Model (A114-A) – 200-V Machine Model (A115-A) – 1000-V Charged-Device Model (C101) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1Y 1A 1B 2Y 2A 2B GND VCC 4Y 4B 4A 3Y 3B 3A SN54AHC02 ...J OR W PACKAGE SN74AHC02 . . . D, DB, DGV, N, NS OR PW PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 4B NC 4A NC 3Y 1B NC 2Y NC 2A SN54AHC02 . . . FK PACKAGE (TOP VIEW) NC – No internal connection SN74AHC02 . . . RGY PACKAGE (TOP VIEW) 114 78 2 3 4 5 6 13 12 11 10 9 4Y 4B 4A 3Y 3B 1A 1B 2Y 2A 2B description/ordering information The ’AHC02 devices contain four independent 2-input NOR gates that perform the Boolean function Y = A S B or Y = A + B in positive logic. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING QFN – RGY Tape and reel SN74AHC02RGYR HA02 PDIP – N Tube SN74AHC02N SN74AHC02N SOIC – D Tube SN74AHC02D AHC02 SOIC – D Tape and reel SN74AHC02DR AHC02 –40 °C to 85°C SOP – NS Tape and reel SN74AHC02NSR AHC02 SSOP – DB Tape and reel SN74AHC02DBR HA02 TSSOP PW Tube SN74AHC02PW HA02 TSSOP – PW Tape and reel SN74AHC02PWR HA02 TVSOP – DGV Tape and reel SN74AHC02DGVR HA02 CDIP – J Tube SNJ54AHC02J SNJ54AHC02J –55 °C to 125°C CFP – W Tube SNJ54AHC02W SNJ54AHC02W LCCC – FK Tube SNJ54AHC02FK SNJ54AHC02FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Número de pieza similar - SN74AHC02DBLE |
|
Descripción similar - SN74AHC02DBLE |