| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP48FVB04 Datasheet(PDF) 80 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP48FVB04 Datasheet(HTML) 80 Page - Microchip Technology |
|
80 / 112 page ![]() MCP48FXBX4/8 DS20006362A-page 80 2020 Microchip Technology Inc. 7.7.2 SINGLE WRITE TO NONVOLATILE MEMORY The sequence to write to a single nonvolatile memory location is the same as a single write to volatile memory, with the exception that after the CS pin is driven inactive (VIH), the EEPROM Write Cycle (tWC) is started. A write cycle will not start if the WRITE command is not exactly 24 clock pulses. This protects against system issues corrupting the nonvolatile memory locations. Once a WRITE command to a nonvolatile memory location has been received, no other SPI commands should be received before the CS pin transitions to the Inactive state (VIH) or the current SPI command will have a Command Error (CMDERR) occur. After the CS pin is driven inactive (VIH), the serial interface may immediately be re-enabled by driving the CS pin to the Active state (VIL). During an EEPROM write cycle, access to the volatile memory is allowed when using the appropriate com- mand sequence. Commands that address nonvolatile memory are ignored until the EEPROM Write Cycle (tWC) completes. This allows the host controller to operate on the volatile DAC registers. 7.7.3 CONTINUOUS WRITES TO VOLATILE MEMORY A Continuous Write mode of operation is possible when writing to the device’s volatile memory registers (see Table 7-3). Figure 7-6 shows the sequence for three continuous writes. The writes do not need to be to the same volatile memory address. 7.7.4 CONTINUOUS WRITES TO NONVOLATILE MEMORY Continuous writes to nonvolatile memory are not allowed and attempts to do so will result in a Command Error (CMDERR) condition. 7.7.5 HIGH-VOLTAGE COMMAND (HVC) SIGNAL The High-Voltage Command (HVC) signal is used to indicate that the command or sequence of commands are in the high-voltage operational state. HVC commands allow the device’s WiperLock technology and write-protect features to be enabled and disabled. FIGURE 7-3: Write Single Memory Location Command – SDI and SDO States.(1) Note: The EEWA status bit indicates if an EEPROM write cycle is active (see Register 4-4). TABLE 7-3: VOLATILE MEMORY ADDRESSES Address Quad-Channel Octal-Channel 00h-03h Yes Yes 04h-07h No Yes 08h Yes Yes 09h Yes Yes 0Ah Yes Yes Note: Writes to a volatile DAC register will not transfer to the output register until the LAT (HVC) pin is transitioned from the VIHHEN voltage to a VIL voltage. Note 1: For WRITE commands addressing the DAC Wiper registers, the data bits depend on the resolution of the device: 12-bit = D11:D00, 10-bit = D09:D00 and 8-bit = D07:D00. Data are right justified for easy host controller operation (no data manipulation before transmitting the desired value). The unimplemented bits are ignored. 2: After a valid memory address and WRITE command byte are received (CMDERR = 1), all the following SDO bits will be output as ‘1’. 3: If an error condition occurs (CMDERR = 0), all the following SDO bits will be output as ‘0’ until the CMDERR condition is cleared (the CS pin is forced to the Inactive state). 12-bit data 10-bit data 8-bit data SDI AD 4 AD 3 AD 2 AD 1 AD 0 C 1 C 0 X X X X X D 11 D 10 D 09 D 08 D 07 D 06 D 05 D 04 D 03 D 02 D 01 D 00 ** ** * 0 0 * * * * * * * * * * * * * * * * * SDO XX XX XX X 1 11 11 11 11 11 11 11 11 Valid(2) XX XX XX X 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Invalid(3) |