Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP3564 Datasheet(PDF) 35 Page - Microchip Technology

No. de pieza MCP3564
Descripción Electrónicos  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 31Page - Microchip Technology MCP3564 Datasheet HTML 32Page - Microchip Technology MCP3564 Datasheet HTML 33Page - Microchip Technology MCP3564 Datasheet HTML 34Page - Microchip Technology MCP3564 Datasheet HTML 35Page - Microchip Technology MCP3564 Datasheet HTML 36Page - Microchip Technology MCP3564 Datasheet HTML 37Page - Microchip Technology MCP3564 Datasheet HTML 38Page - Microchip Technology MCP3564 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 35
MCP3561/2/4
5.2
Input Impedance
The ADC inputs (VIN+/VIN-) are directly tied to the
analog multiplexer outputs and are not routed to exter-
nal pins. The multiplexer input stage contribution to the
input impedance is negligible.
The conversion accuracy can be affected by the input
signal source impedance when any external circuit is
connected to the input pins. The source impedance
adds to the internal impedance and directly affects the
time required to charge the internal sampling capacitor.
Therefore, a large input source impedance connected
to the input pins can increase the system performance
errors, such as offset, gain and Integral Nonlinearity
(INL). Ideally, the input source impedance should be
near zero. This can be achieved by using an opera-
tional amplifier with a closed-loop output impedance of
tens of ohms.
A proper anti-aliasing filter must be placed at the ADC
inputs. This will attenuate the frequency contents
around DMCLK and keep the desired accuracy over
the baseband (DRCLK) of the converter.
This anti-aliasing filter can be a simple first-order RC
network with low time constant, which will provide a
high rejection at the DMCLK frequency (see Figure 5-6
for more details). The RC network usually uses small R
and large C to avoid additional offset due to IR drop in
the signal path. This anti-aliasing filter will induce a
small systematic gain error on the AC input signals that
can be compensated in the digital section with the
Digital Gain Error Calibration register (GAINCAL).
5.3
ADC Programmable Gain
The gain of the converter is programmable and con-
trolled by the GAIN[2:0] bits in the CONFIG2 register.
The ADC programmable gain is divided in two gain
stages: one in the analog domain, one in the digital
domain, as per Table 5-3.
After the multiplexer, the analog input signals are
routed to the Delta-Sigma ADC inputs and are
amplified by the analog gain stage (see Section 5.3.1
“Analog Gain” for more details). The digital gain stage
is placed inside the digital decimation filter (see
Section 5.3.2 “Digital Gain” for more details).
TABLE 5-3:
DELTA-SIGMA ADC GAIN SETTINGS
GAIN[2:0]
Total Gain
(V/V)
Analog Gain
(V/V)
Digital Gain
(V/V)
Total Gain
(dB)
VIN Range (V)
00
0
0.333
0.333
1
-9.5
±Min (AVDD, 3 * VREF)
00
1
11
1
0
±VREF
01
0
22
1
6
±VREF/2
01
1
44
1
12
±VREF/4
10
0
88
1
18
±VREF/8
10
1
16
16
1
24
±VREF/16
11
0
32
16
2
30
±VREF/32
11
1
64
16
4
36
±VREF/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com