Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP3161JR Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADP3161JR
Descripción Electrónicos  4-Bit Programmable 2-Phase Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP3161JR Datasheet(HTML) 5 Page - Analog Devices

  ADP3161JR Datasheet HTML 1Page - Analog Devices ADP3161JR Datasheet HTML 2Page - Analog Devices ADP3161JR Datasheet HTML 3Page - Analog Devices ADP3161JR Datasheet HTML 4Page - Analog Devices ADP3161JR Datasheet HTML 5Page - Analog Devices ADP3161JR Datasheet HTML 6Page - Analog Devices ADP3161JR Datasheet HTML 7Page - Analog Devices ADP3161JR Datasheet HTML 8Page - Analog Devices ADP3161JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
–5–
REV. 0
ADP3161
Table I. Output Voltage vs. VID Code
VID3
VID2
VID1
VID0
VOUT(NOM)
1
1
1
1
1.30 V
1
1
1
0
1.35 V
1
1
0
1
1.40 V
1
1
0
0
1.45 V
1
0
1
1
1.50 V
1
0
1
0
1.55 V
1
0
0
1
1.60 V
1
0
0
0
1.65 V
0
1
1
1
1.70 V
0
1
1
0
1.75 V
0
1
0
1
1.80 V
0
1
0
0
1.85 V
0
0
1
1
1.90 V
0
0
1
0
1.95 V
0
0
0
1
2.00 V
0
0
0
0
2.05 V
THEORY OF OPERATION
The ADP3161 combines a current-mode, fixed frequency PWM
controller with antiphase logic outputs in a controller for a two-
phase synchronous buck power converter. Two-phase operation
is important for switching the high currents required by high
performance microprocessors. Handling the high current in a
single-phase converter would place difficult requirements on the
power components such as inductor wire size, MOSFET ON-
resistance, and thermal dissipation. The ADP3161’s high-side
current sensing topology ensures that the load currents are
balanced in each phase, such that neither phase has to carry
more than half of the power. An additional benefit of high-
side current sensing over output current sensing is that the
average current through the sense resistor is reduced by the duty
cycle of the converter, allowing the use of a lower power, lower
cost resistor. The outputs of the ADP3161 are logic drivers only
and are not intended to directly drive external power MOS-
FETs. Instead, the ADP3161 should be paired with drivers such
as the ADP3412, ADP3413, or ADP3414. A system level block
diagram of a 2-phase power supply for high current CPUs is
shown in TPC 5.
The frequency of the ADP3161 is set by an external capacitor
connected to the CT pin. Each output phase of the ADP3161
operates at half of the frequency set by the CT pin. The error
amplifier and current sense comparator control the duty cycle of
the PWM outputs to maintain regulation. The maximum duty
cycle per phase is inherently limited to 50% because the PWM
outputs toggle in two-phase operation. While one phase is on,
the other phase is off. In no case can both outputs be high at the
same time.
Output Voltage Sensing
The output voltage is sensed at the FB pin allowing for remote
sensing. To maintain the accuracy of the remote sensing, the
GND pin should also be connected close to the load. A voltage
error amplifier (gm) amplifies the difference between the output
voltage and a programmable reference voltage. The reference
voltage is programmed between 1.3 V and 2.05 V by an inter-
nal 5-bit DAC, which reads the code at the voltage identification
(VID) pins. (Refer to Table I for the output voltage versus VID pin
code information.)
Active Voltage Positioning
The ADP3161 uses Analog Devices Optimal Positioning Technol-
ogy (ADOPT), a unique supplemental regulation technique that
uses active voltage positioning and provides optimal compensa-
tion for load transients. When implemented, ADOPT adjusts the
output voltage as a function of the load current, so that it is always
optimally positioned for a load transient. Standard (passive) volt-
age positioning has poor dynamic performance, rendering it
ineffective under the stringent repetitive transient conditions
required by high performance processors. ADOPT, however,
provides optimal bandwidth for transient response that yields
optimal load transient response with the minimum number of
output capacitors.
Reference Output
A 3.0 V reference is available on the ADP3161. This reference
is normally used to set the voltage positioning accurately using a
resistor divider to the COMP pin. In addition, the reference can be
used for other functions such as generating a regulated voltage
with an external amplifier. The reference is bypassed with a 1 nF
capacitor to ground. It is not intended to supply current to large
capacitive loads, and it should not be used to provide more than
1 mA of output current.
Cycle-by-Cycle Operation
During normal operation (when the output voltage is regulated),
the voltage-error amplifier and the current comparator are the
main control elements. The voltage at the CT pin of the oscilla-
tor ramps between 0 V and 3 V. When that voltage reaches 3 V,
the oscillator sets the driver logic, which sets PWM1 high. Dur-
ing the ON time of Phase 1, the driver IC turns on the high-side
MOSFET. The CS+ and CS– pins monitor the current through
the sense resistor that feeds both high-side MOSFETs. When
the voltage between the two pins exceeds the threshold level
set by the voltage error amplifier (gm), the driver logic is reset
and the PWM output goes low. This signals the driver IC to turn
off the high-side MOSFET and turn on the low-side MOSFET.
On the next cycle of the oscillator, the driver logic toggles and sets
PWM2 high. On each following cycle of the oscillator, the outputs
toggle between PWM1 and PWM2. In each case, the current
comparator resets the PWM output low when the current compara-
tor threshold is reached. As the load current increases, the output
voltage starts to decrease. This causes an increase in the output
of the gm amplifier, which in turn leads to an increase in the
current comparator threshold, thus programming more current to
be delivered to the output so that voltage regulation is maintained.
Active Current Sharing
The ADP3161 ensures current balance in the two phases by
actively sensing the current through a single sense resistor. During
one phase’s ON time, the current through the respective high-side
MOSFET and inductor is measured through the sense resistor
(R4 in TPC 6). When the comparator (CMP1 in the Functional
Block Diagram) threshold programmed by the gm amplifier is
reached, the high-side MOSFET turns off. In the next cycle the
ADP3161 switches to the second phase. The current is measured
with the same sense resistor and the same internal comparator,
ensuring accurate matching. This scheme is immune to imbalances
in the MOSFETs’ RDS(ON) and inductors’ parasitic resistances.
If for some reason one of the phases fails, the other phase will still
be limited to its maximum output current (one-half of the short
circuit current limit). If this is not sufficient to supply the load,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12