Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP6V37T-E/MS Datasheet(PDF) 29 Page - Microchip Technology

No. de pieza MCP6V37T-E/MS
Descripción Electrónicos  23 關A, 300 kHz Zero-Drift Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V37T-E/MS Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP6V37T-E/MS Datasheet HTML 25Page - Microchip Technology MCP6V37T-E/MS Datasheet HTML 26Page - Microchip Technology MCP6V37T-E/MS Datasheet HTML 27Page - Microchip Technology MCP6V37T-E/MS Datasheet HTML 28Page - Microchip Technology MCP6V37T-E/MS Datasheet HTML 29Page - Microchip Technology MCP6V37T-E/MS Datasheet HTML 30Page - Microchip Technology MCP6V37T-E/MS Datasheet HTML 31Page - Microchip Technology MCP6V37T-E/MS Datasheet HTML 32Page - Microchip Technology MCP6V37T-E/MS Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
 2019 Microchip Technology Inc.
DS20006209A-page 29
MCP6V36/6U/7/9
8-Lead TDFN (2 x 3 x 0.8 mm) (MCP6V37)
Example
14-Lead TSSOP (4.4 mm) (MCP6V39)
Example
YYWW
NNN
XXXXXXXX
DM2
410
25
Device
Code
MCP6V37-E/MNY
DM2
MCP6V37T-E/MNY
DM2
Note:
Applies to 8-Lead 2x3 TDFN.
6V39E/ST
1410
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50