Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS21TW Datasheet(PDF) 1 Page - Rectron Semiconductor

No. de pieza BAS21TW
Descripción Electrónicos  SURFACE MOUNT FAST SWITCHING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RECTRON [Rectron Semiconductor]
Página de inicio  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS21TW Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAS21TW Datasheet HTML 1Page - Rectron Semiconductor BAS21TW Datasheet HTML 2Page - Rectron Semiconductor BAS21TW Datasheet HTML 3Page - Rectron Semiconductor BAS21TW Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Features
*
Fast Switching Speed: max. 50ns
*
Continuous Reverse Voltage: max. 200V
*
Repetitive Peak Reverse Voltage: max. 250V
*
Repetitive Peak Forward Current: max. 1A
*
Small Surface Mount Package
*
For General Purpose Switching Applications
*
High Conductance
Mechanical Data
*
Case: SOT363
*
Case Material: Molded Plastic, "Green" Molding Compound,
UL Flammability Classification Rating 94V-0
*
Moisture Sensitivity: Level 1 per J-STD-020
*
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
*
Orientation: See Diagram
*
Weight: 0.009 grams (approximate)
Top View
SOT363
Top View
Internal Schematic
e3
BAS21TW
Maximum Ratings (@TA = 25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
250
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
250
V
RMS Reverse Voltage
VR(RMS)
177
V
Forward Continuous Current (Note 5)
IFM
200
mA
Non-Repetitive Peak Forward Surge Current
@ t = 50μs
@ t = 100μs
@ t = 10ms
IFSM
10
8
2
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
300
mW
Thermal Resistance Junction to Ambient Air (Note 5)
R JA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = 25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
250

V
IR = 100μA
Forward Voltage
VF


1.05
1.25
V
IF = 100mA
IF = 200mA
Reverse Current (Note 6)
IR

100
100
nA
μA
VR = 200V
VR = 200V, TJ = +150°C
Total Capacitance
CT

5
pF
VR = 6, f = 1.0MHz
Reverse Recovery Time
trr

50
ns
VR = 6V, IF = 5mA
Notes:
5. Part mounted on FR-4 board with recommended pad layout
6. Short duration pulse test used to minimize self-heating effect.
2020-11/43
REV:B
*
Halogen-free


Número de pieza similar - BAS21TW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAS21TW DIODES-BAS21TW Datasheet
108Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Rev erse
logo
Cystech Electonics Corp...
BAS21TW CYSTEKEC-BAS21TW Datasheet
275Kb / 6P
Switching Diode
logo
Nanjing International G...
BAS21TW DGNJDZ-BAS21TW Datasheet
1Mb / 4P
SOT-363 Plastic-Encapsulate Diodes
logo
Goodwork Semiconductor ...
BAS21TW GWSEMI-BAS21TW Datasheet
193Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Cystech Electonics Corp...
BAS21TW-0-T1-G CYSTEKEC-BAS21TW-0-T1-G Datasheet
275Kb / 6P
Switching Diode
More results

Descripción similar - BAS21TW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
MMBD4448HTM DIODES-MMBD4448HTM Datasheet
65Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. A-2
MMBD4448HTM DIODES-MMBD4448HTM_1 Datasheet
336Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. 5 - 2
logo
Comchip Technology
CDSV6-4448C2 COMCHIP-CDSV6-4448C2 Datasheet
85Kb / 2P
Surface Mount FAST Switching Diode ARRAY
logo
Guangdong Kexin Industr...
MMBD4148TW KEXIN-MMBD4148TW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
MMBD4448HTW KEXIN-MMBD4448HTW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
KAS19W KEXIN-KAS19W Datasheet
51Kb / 1P
Surface Mount Fast Switching Diode Array
KAS16TW KEXIN-KAS16TW Datasheet
44Kb / 1P
Surface Mount Fast Switching Diode Array
logo
Pan Jit International I...
MMBD4448W6 PANJIT-MMBD4448W6 Datasheet
240Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Diodes Incorporated
MMBD4448HCQW DIODES-MMBD4448HCQW_15 Datasheet
115Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Rev erse
BAS16TWQ DIODES-BAS16TWQ Datasheet
206Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Rev 2
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com