| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LPD-32MA-P/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LPD-32MA-P/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 3 page ![]() MODEL: LPD http://www.m-system.co.jp/ LPD SPECIFICATIONS ES-1989 Rev.6 Page 2/3 [6] OPTIONS blank: none /Q: With options (specify the specification) SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating TERMINAL SCREW MATERIAL /S01: Stainless steel GENERAL SPECIFICATIONS Construction: Stand-alone; terminal access at the front Connection: M3.5 screw terminals (torque 0.8 N·m) Screw terminal: Nickel-plated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Measured input to reference input to output to auxiliary power Computation: Phase angle detection Input waveform: Up to 5 % of 3rd harmonic content Overrange output: Approx. -10 to +120 % at 1 – 5 V Zero adjustment: -5 to +5 % (front) Span adjustment: 95 to 105 % (front) INPUT SPECIFICATIONS Frequency: 50 or 60 Hz Input burden: 0.5 VA Operational range: 85 – 110 % of rating Overload capacity: 150 % of rating for 10 sec., 110 % continuous OUTPUT SPECIFICATIONS ■ DC Current: -10 – +20 mA DC Span: Min. 1 mA, max. 20 mA Offset: Max. 1.5 times span Load resistance: Output drive max. 11 V ■ DC Voltage: -10 – +12 V DC Minimum span: 5 mV Offset: Max. 1.5 times span Load resistance: Output drive 1 mA max. at ≥ 0.5 V 12 OUT 20mA 0 30° (Lead) 30° (Lag) 0 OUT +10V 4 12 OUT 20mA 0 OUT +10V 4 -10V -10V 0 30° (Lead) 30° (Lag) 0 30° (Lead) 30° (Lag) 0 30° (Lead) 30° (Lag) ■ OPERATION DIAGRAM (example) Remark: When there is no input voltage, the trans- ducer outputs as negative (–) overrange. • Negative in lag, positive in lead • Negative in lead, positive in lag INSTALLATION Auxiliary power supply •AC: Operational voltage range: rating -15/+10 %, 50/60 Hz, approx. 2 VA •DC: Operational voltage range: rating ±10 %, or 85 – 150 V for 110 V rating, ripple 10 %p-p max., approx. 2 W (18 mA at 110 V) Operating temperature: -10 to +55°C (14 to 131°F) Operating humidity: 30 to 85 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 450 g (0.99 lb) PERFORMANCE in percentage of span Accuracy: ±2 % (at 23°C ±10°C or 73.4°F ±18°F, 45 – 65 Hz) Response time: ≤ 2 sec. (0 – 100 % ±1 %) Ripple: 0.5 %p-p max. Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @ 1 minute (measured input to reference input to output to auxiliary power to ground) Impulse withstand voltage: 1.2 / 50 μsec., ±5 kV (input to output or ground) |