| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WLE4JCY7TR Datasheet(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE4JCY7TR Datasheet(HTML) 45 Page - STMicroelectronics |
|
45 / 145 page ![]() DS13105 Rev 8 45/145 STM32WLE5/E4xx Functional overview 48 3.25.6 SysTick timer This timer is dedicated to real-time operating systems, but can also be used as a standard down counter. SysTick timer main features: • 24-bit down counter • autoreload capability • maskable system interrupt generation when the counter reaches 0 • programmable clock source 3.26 Real-time clock (RTC), tamper and backup registers The RTC is an independent BCD timer/counter. The RTC provides a time-of-day clock/calendar with programmable alarm interrupts. As long as the supply voltage remains in the operating range, the RTC never stops, regardless of the device status (Run mode, low-power mode or under reset). The RTC provides an automatic wakeup to manage all low-power modes. The RTC is functional in VBAT mode. Twenty 32-bit backup registers are retained in all low-power modes and also in VBAT mode. These registers can be used to store sensitive data as their content is protected by a tamper detection circuit. Three tamper pins and four internal tampers are available for anti-tamper detection. The external tamper pins can be configured for edge or level detection with or without filtering. 3.27 Inter-integrated circuit interface (I2C) The device embeds three I2Cs, with features implementation listed in the he table below. The I2C bus interface handles communications between the microcontroller and the serial I2C bus. It controls all I2C bus-specific sequencing, protocol, arbitration and timing. The I2C peripheral supports: • I2C bus specification and user manual rev. 5 compatibility: – slave and master modes, multimaster capability – Standard-mode (Sm), with a bitrate up to 100 Kbit/s – Fast-mode (Fm), with a bitrate up to 400 Kbit/s – Fast-mode plus (Fm+), with a bitrate up to 1 Mbit/s and 20 mA output drive I/Os – 7-bit and 10-bit addressing mode, multiple 7-bit slave addresses – programmable setup and hold times – clock stretching (optional) • SMBus (system management bus) specification rev 2.0 compatibility: – hardware PEC (packet error checking) generation and verification with ACK control – address resolution protocol (ARP) support – SMBus alert |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |